Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VX-708 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VX-708
Description  Voltage Control Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-708 Datasheet(HTML) 2 Page - Vectron International, Inc

  VX-708 Datasheet HTML 1Page - Vectron International, Inc VX-708 Datasheet HTML 2Page - Vectron International, Inc VX-708 Datasheet HTML 3Page - Vectron International, Inc VX-708 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
Performance Specifications
VectronInternational•267LowellRoad,Unit102,Hudson,NH03051•Tel:1-88-VECTRON-1•http://www.vectron.com
Performance Specifications
Performance Specifications
Performance Specifications
Performance Specifications
Performance Specifications
Performance Specifications
Enviromental Compliance
Environmental Compliance
Mechanical Shock
3000g
MIL-STD-883, Method 2002.5, Condition C
Random Vibration
36.6g
MIL-STD-883, Method 2026, Condition J
Sine Vibration
30g
MIL-STD-202,Method204,ConditionG
Seal Test
Fine
MIL-STD-883 Method 1014 Condition A2
Seal Test
Gross
MIL-STD-202 Method 112 Condition D
Temperature Cycling
1000 Cycles
MIL-STD-883 Method 1010 Condition B
Acceleration
5000g Y1 axis
MIL-STD-883 Method 2001 Condition A
Features
Applications
Description
Current
3 mA max (typical @ 32 MHz)
Output
HCMOS compatibility
Load
15pF max
Signal Level (Vol)
0.3 VDC max
Signal Level (Voh)
3.0 VDC min
Rise & Fall Time
1ns typical / 3ns Max
Symmetry
40/60%
Operating Temperature
0 °C to +150 °C
-20 °C to +180 °C
-55 °C to + 180 °C
Jitter (12kHz - 20MHz)
<0.076ps
Phase Noise (@32MHz, HCMOS, 3.3V)
VCXO Control Voltage
0V to Vdd
±25ppm minimum
±50ppm minimum
Transfer Function
Positive
Linearity
±20%
Shock
100g, 6ms
Vibration
20g (10 to 2000Hz)
Specification Parameter
Values
10 Hz - 75 dbc/ Hz
100 Hz - 105 dbc/ Hz
1 KHz - 130 dbc/ Hz
10 KHz - 150 dbc/ Hz
100 KHz - 155 dbc/ Hz
1 MHz - 160 dbc/ Hz
Modulation Rate
dc - 1KHz
Package Size
5 x 7 mm SMD
Frequency Range
2 MHz to 40 MHz
Supply (Vdd)
+3.30 VDC +/-5%
Minimum Pull Range
(Amount of VCXO pullability to offset freq. deviation over operating temp. range)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com