Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SDI565047-R27F Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDI565047-R27F
Description  WIREWOUND CHIP INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI565047-R27F Datasheet(HTML) 2 Page - Superworld Electronics

  SDI565047-R27F Datasheet HTML 1Page - Superworld Electronics SDI565047-R27F Datasheet HTML 2Page - Superworld Electronics SDI565047-R27F Datasheet HTML 3Page - Superworld Electronics SDI565047-R27F Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SDI565047 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
28.02.2015
5. ELECTRICAL CHARACTERISTICS :
WIREWOUND CHIP INDUCTORS
SRF
IDC
DCR
SDI565047-330□F
SDI565047-471□F
SDI565047-472□F
SDI565047-103□F
SDI565047-102□F
SDI565047-222□F
SDI565047-681□F
SDI565047-221□F
SDI565047-331□F
SDI565047-151□F
SDI565047-680□F
SDI565047-101□F
SDI565047-470□F
SDI565047-2R2□F
SDI565047-220□F
SDI565047-100□F
SDI565047-150□F
SDI565047-4R7□F
SDI565047-6R8□F
SDI565047-3R3□F
SDI565047-1R0□F
SDI565047-1R5□F
SDI565047-R47□F
SDI565047-R27□F
SDI565047-R12□F
Part No.
900
0.448
12
240
7.560
2.4
0.5
0.8
1.7
1.2
1.9
140.0
61.04
50
70
30.10
14.42
11.34
100
150
190
3.1
4.0
5.0
7.6
6.5
10
6.160
3.360
2.660
270
320
420
0.938
1.204
0.560
640
560
800
3200
80
0.0410
15
20
17
25
30
40
0.266
0.210
0.1300
1200
1400
1700
0.1040
0.0574
0.0500
2000
2700
2900
110
150
200
300
450
( MHz )
Min.
0.0310
0.0270
0.0182
3700
4000
4800
0.0140
0.0098
( Ω )
Max.
5300
6000
Max.
( mA )
M
M, K
M, K
M, K
M
M
M
M
M
M
M
M
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
Test
1M
100K
10K
10K
10K
100K
100K
100K
100K
100K
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
( Hz )
Frequency
Inductance
( uH )
2.2
22
15
10
6.8
4.7
3.3
1.5
1.0
0.47
0.27
0.12
100
1000
680
470
330
220
150
68
47
33
10000
4700
2200
Inductance tolerance :
□ : J : ±5%
K : ± 10%
M : ± 20%
10K
Tolerance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com