Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ESDA5-1F4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA5-1F4
Description  Low clamping single line unidirectional ESD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA5-1F4 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA5-1F4 Datasheet HTML 1Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 2Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 3Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 4Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 5Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 6Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 7Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 8Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
ESDA5-1F4
2/9
DocID030582 Rev 1
1
Characteristics
Table 1: Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Vpp
Peak pulse voltage
IEC61000-4-2 contact discharge
±30
kV
IEC61000-4-2 air discharge
±30
Ppp
Peak pulse power (8/20µs)
110
W
Ipp
Peak pulse current (8/20µs)
11
A
Tj
Operating junction temperature range
-55 to +150
°C
Tstg
Storage junction temperature range
-65 to +150
TL
Maximum lead temperature for soldering during 10 s
260
Figure 2: Electrical characteristics (definitions)
Table 2: Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VBR
Breakdown voltage
IR = 1 mA
5.8
V
VRM
Reverse working voltage
5.5
V
IRM
Leakage current
VRM = 5.5 V
100
nA
VCL
Clamping voltage
IEC 61000-4-2, +8 kV
contact measured at 30 ns
9.0
V
IEC 61000-4-2, -8 kV
contact measured at 30 ns
-3.0
V
Rd
Dynamic resistance, pulse
duration 100 ns(1)
Direct
0.17
Ω
Forward
0.14
CLINE
Line capacitance
VLINE = 0 V, F = 1 MHz,
VOSC = 30 mV
110
pF
Notes:
(1)More information are available in ST application note: AN4022



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com