Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FCN11260 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCN11260
Description  Leila Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCN11260 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCN11260 Datasheet HTML 1Page - Ledil, Inc. FCN11260 Datasheet HTML 2Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DATASHEET
Leila series
last update 25/5/2012
DETAILS
Product Number
FCN11260_LO1-O
Family
Leila
Type
Pack
Color
white
Diameter
21,6 mm
Height
14,6 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
glue
Status
production ready
ROHS Compliant
Yes
Date Updated
25/05/2012
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Golden Dragon+
41+12 deg
Oval
-
-
-
January 31st 2018 2:12 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FCN11260

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCN11260 LEDIL-FCN11260 Datasheet
1Mb / 4P
~40째 x 10째 oval beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
FCN11260 LEDIL-FCN11260_18 Datasheet
1Mb / 4P
~40째 x 10째 oval beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
More results

Similar Description - FCN11260

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11483 CREE-CA11483 Datasheet
1Mb / 23P
Leila series
FCN11456 CREE-FCN11456 Datasheet
67Kb / 2P
Leila series
FCN10786 CREE-FCN10786 Datasheet
250Kb / 3P
Leila series
logo
Ledil, Inc.
CA14505 LEDIL-CA14505 Datasheet
2Mb / 35P
Leila Assembly
FA10753 LEDIL-FA10753 Datasheet
232Kb / 4P
Leila Assembly
FCN11257 LEDIL-FCN11257 Datasheet
62Kb / 2P
Leila Pack
FCN11258 LEDIL-FCN11258 Datasheet
67Kb / 2P
Leila Pack
FCN11259 LEDIL-FCN11259 Datasheet
56Kb / 2P
Leila Pack
FCN11262 LEDIL-FCN11262 Datasheet
75Kb / 2P
Leila Pack
FCN11466 LEDIL-FCN11466 Datasheet
206Kb / 4P
Leila Pack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com