Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FCN11262 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCN11262
Description  Leila Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCN11262 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCN11262 Datasheet HTML 1Page - Ledil, Inc. FCN11262 Datasheet HTML 2Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DATASHEET
Leila series
last update 23/5/2012
DETAILS
Product Number
FCN11262_LO1-REC
Family
Leila
Type
Pack
Color
white
Diameter
21,6 mm
Height
14,6 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
glue
Status
production ready
ROHS Compliant
Yes
Date Updated
23/05/2012
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Golden Dragon+
38+24 deg
REC-class
-
-
-
January 31st 2018 2:12 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FCN11262

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCN11262 LEDIL-FCN11262 Datasheet
2Mb / 4P
~35째 x 25째 rectangular beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
FCN11262 LEDIL-FCN11262_18 Datasheet
2Mb / 4P
~35째 x 25째 rectangular beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
More results

Similar Description - FCN11262

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11483 CREE-CA11483 Datasheet
1Mb / 23P
Leila series
FCN11456 CREE-FCN11456 Datasheet
67Kb / 2P
Leila series
FCN10786 CREE-FCN10786 Datasheet
250Kb / 3P
Leila series
logo
Ledil, Inc.
CA14505 LEDIL-CA14505 Datasheet
2Mb / 35P
Leila Assembly
FA10753 LEDIL-FA10753 Datasheet
232Kb / 4P
Leila Assembly
FCN11257 LEDIL-FCN11257 Datasheet
62Kb / 2P
Leila Pack
FCN11258 LEDIL-FCN11258 Datasheet
67Kb / 2P
Leila Pack
FCN11259 LEDIL-FCN11259 Datasheet
56Kb / 2P
Leila Pack
FCN11260 LEDIL-FCN11260 Datasheet
79Kb / 2P
Leila Pack
FCN11466 LEDIL-FCN11466 Datasheet
206Kb / 4P
Leila Pack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com