Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L2N7002SLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L2N7002SLT1G
Description  Small Signal MOSFET380mAmps, 60 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N7002SLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  L2N7002SLT1G Datasheet HTML 1Page - Leshan Radio Company L2N7002SLT1G Datasheet HTML 2Page - Leshan Radio Company L2N7002SLT1G Datasheet HTML 3Page - Leshan Radio Company L2N7002SLT1G Datasheet HTML 4Page - Leshan Radio Company L2N7002SLT1G Datasheet HTML 5Page - Leshan Radio Company L2N7002SLT1G Datasheet HTML 6Page - Leshan Radio Company L2N7002SLT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
L2N7002SLT1G, S-L2N7002SLT1G
Small Signal MOSFET
5. THERMAL CHARACTERISTICS
Total Device Dissipation(Note 1)
– Steady State
– t<5s
Junction−to−Ambient(Note 1)
– Steady State
– t<5s
Junction and Storage temperature
6. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
OFF CHARACTERISTICS
Characteristic
Drain–Source Breakdown Voltage
(VGS = 0, ID = 250μAdc)
Zero Gate Voltage Drain Current
TJ = 25°C
(VGS = 0, VDS = 60 Vdc)
TJ = 125°C
(VGS = 0, VDS = 50 Vdc)
TJ = 25°C
Gate–Body Leakage Current, Forward
(VGS = 20 Vdc)
Gate–Body Leakage Current, Reverse
(VGS = - 20 Vdc)
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
(VDS = VGS, ID = 250μAdc)
Negative Threshold Temperature Coefficient
Static Drain–Source On–State Resistance
(VGS = 10 Vdc, ID = 500 mAdc)
(VGS = 4.5 Vdc, ID = 200 mAdc)
Forward Transconductance
(VDS = 5.0 Vdc, ID = 200 mAdc)
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Output Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Reverse Transfer Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Total Gate Charge
Gate−to−Source Charge
Gate−to−Drain Charge
1. FR–4 = 1.0×0.75×0.062 in.
2.Pulse Test: Pulse Width ≤
300 μs, Duty Cycle ≤2.0%.
-
71
pF
pF
Ciss
-
21
-
Coss
Crss
-
12
-
-
0.35
-
pF
Unit
VBRDSS
Vdc
60
-
-
−55
∼+150
Symbol
Min.
TJ,Tstg
Typ.
Max.
μAdc
μAdc
μAdc
Ω
-
-
1.0
Vdc
100
-
-
10
-
-
-10
-
2.8
2.0
-
-
-
3.2
-
-
0.1
-
nC
gfs
mS
80
-
-
VGS(th)
IDSS
Parameter
Lead Temperature for Soldering
Purposes (1/8 " from case for 10 s)
RDS(on)
-
1.0
-
Unit
mW
ºC
PD
TL
420
260
417
ºC
IGSSF
IGSSR
Drain−to−Source Breakdown Voltage
Temperature Coefficient
VBRDSS/TJ
-
Gate−Source ESD Rating(HBM, Method
3015)
ESD
2000
V
300
RΘJA
300
ºC/W
Symbol
Limits
mV/ºC
500
nAdc
VGS(TH)/TJ
4
-
-
mV/ºC
-
0.2
VGS = 4.5 V, VDS = 10
V; ID= 500 mA
QG(TOT)
QGS
QGD
-
-
-
0.44
Leshan Radio Company, LTD.
Rev.O Dec 2015
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com