Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M54617P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54617P
Description  LAN TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54617P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54617P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54617P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54617P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54617P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54617P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54617P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M54617P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M54617P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LAN TRANSCEIVER
M54617P
MITSUBISHI <CONTROL / DRIVER IC>
FUNCTION
Pin function
Pin No.
Pin name
I/O
Function
TX
Input
Data signal input pin
STB
Input
Standby signal input pin
L: standby mode, H: normal operation
ERR
I/O
Error signal output pin and error reset input pin
“L” level output when abnormal transmission route is detected
Error reset with “H” level input when in the standby mode
RX
Output
Signal output pin from transmission route
VSS
Input
Grounding pin
BUS(-)
I/O
Signal output pin to transmission route and signal input pin from transmission route (negative logic)
BUS(+)
I/O
Signal output pin to transmission route and signal input pin from transmission route (positive logic)
Power supply pin
VDD
Input
1
2
3
4
5
6
7
8
ABNORMALITY DETECTION OF TRANSMISSION
ROUTE AND COMMUNICATION FUNCTION
The M54617P uses its driver overcurrent detection function and
transmission signal logic abnormality function to perform the
abnormality detection of the transmission route, and outputs error
signal (ERR(3 pin) = “L”).
In addition, switching the signal that is output to Rx pin (pin 4)
according to
the
abnormality occurrence status permits
communication after abnormality has occurred.
(1) Overcurrent detection
BUS(+) pin (pin 7) and BUS(-) pin (pin 6) drivers of M54617P are
equipped with an overcurrent detection circuit. When overcurrent
flows to a driver, the driver is turned OFF to output error signal
(ERR (pin 3) = “L”). Once an overcurrent is detected, the driver
maintains the OFF status until the error is reset.
In addition, each driver of BUS(+) pin (pin 7) and BUS(-) pin (pin 6)
is independent, and both may be turned OFF depending upon the
abnormality occurrence status.
A built-in filter for the prevention of malfunction due to overcurrent
when the driver is turned ON does not permit the detection of the
overcurrent status for a short time (several hundred ns). Detection
current is set to about 180mA.
(2) Logic abnormality detection
The M54617P transmission signals operate in the opposite phase
to each other, and abnormal transmission route is detected by
comparing these signals. Upon comparing respective signals after
a set time on the basis of the edge of transmission routes BUS(+)
and BUS(-), any disagreement is
regarded as
abnormal
transmission, and error signal (ERR (pin 3) = “L”) is output. In order
to be well timed with that edge as a new standard, abnormality is
detected when signal disagreement continues for more than a set
time. Setting time is set to about 4.2
µs.
Logic abnormality detection does not cope with more than one
error mode.
Detection of logic abnormality alone does not allow the driver to be
turned OFF. Abnormality detection allows the driver to be turned
OFF only when overcurrent is detected.
(3) Communication function
The M54617P ordinarily outputs the differential signals of BUS(+)
(pin 7) and BUS(-) (pin 6). When abnormality is detected, signals to
be output to Rx pin (pin 4) are switched according to the status.
When overcurrent is detected, the driver or the transmission route
in which overcurrent is detected is considered abnormal, and error
signal is
output, and concurrently the signal of
another
transmission route is output to Rx output (pin 4).
As described in the above section (1), both drivers are turned OFF
in some cases. In these cases, Rx output (pin 4) is fixed to “L”.
When logic abnormality is detected, error signal (ERR (pin 3) = “L”)
is output, and concurrently Rx output (pin 4) is turned to “L”. After
error signal is output, the transmission route in which the edge of
transmission signals is detected is considered normal, and such
signal is output to Rx output (pin 4).
In switching operation of error signal output and Rx output the
priority is given to overcurrent detection over logic abnormality
detection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com