Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IW3627 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW3627
Description  Off-Line Digital Constant-Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3627 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW3627 Datasheet HTML 1Page - Dialog Semiconductor IW3627 Datasheet HTML 2Page - Dialog Semiconductor IW3627 Datasheet HTML 3Page - Dialog Semiconductor IW3627 Datasheet HTML 4Page - Dialog Semiconductor IW3627 Datasheet HTML 5Page - Dialog Semiconductor IW3627 Datasheet HTML 6Page - Dialog Semiconductor IW3627 Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
iW3627
Off-Line Digital Constant-Voltage
LED Driver with Power Factor Correction
Rev. 1.3
Product Summary
© 2017 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 7
28-April-2017
4 Pinout Description
Figure 4.1 : 6-Lead SOT23 Package
Pin Number
Pin Name
Type
Pin Description
1
VCC
Power Input
Power supply to control logic and MOSFET drive.
2
FB/FMAX
Analog Input
Multi-function pin. Used to configure maximum switching frequency (FMAX),
and to enable/disable over-load protection (OLP) at the beginning of start-up.
It also provides output voltage sense for primary regulation during normal
operation.
3
VIN
Analog Input
Multi-function pin. Used to control active start-up device and sense line
voltage.
4
CS/FMIN
Analog Input
Multi-function pin. Used to configure minimum switching frequency (FMIN) at
the beginning of the start-up. It also provides primary current sense for cycle-
by-cycle peak current control and limit during normal operation.
5
GND
Ground
Ground.
6
OUTPUT
Output
Gate drive for external MOSFET switch.
iW3627
V
CC
FB/F
MAX
V
IN
OUTPUT
GND
CS/F
MIN
1
2
3
6
4
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com