Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCI Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCI
Description  Slim 2 Form A Miniature PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCI Datasheet(HTML) 2 Page - Tyco Electronics

  PCI Datasheet HTML 1Page - Tyco Electronics PCI Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
469
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
.984
± .02
(25.0
± .5)
.945
± .008
(24.0
± .2)
.018
c
(.45)
.197
± .008
(5.0
± .2)
.016
(.4)
.59
± .008
(15.0
± .2)
.295
± .012
(7.5
± .3)
.157
± .008
(4.0
± .2)
.394
± .008
(10.0
± .2)
.094
(2.4)
.039
(1.0)
.039
(1.0)
.016
(.4)
.016
(.4)
Wiring Diagram (Bottom View)
PC Board Layout (Bottom View)
Typical Part Number
B
PCI
-2
05
D
M
,000
1. Basic Series:
PCI = Miniature relay
2. Termination:
2 = 2 pole
3. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
4. Coil Input:
D = Standard
5. Contact Arrangement:
M = 2 Form A
6. Enclosure:
Blank = Vented (Flux-tight) cover
H = Sealed plastic case
7. Optional:
Blank = Standard
M = with magnetic blow-out
8. Suffix:
,000 = Standard model
Other Suffix = Custom model
DC Cut Ability for Audio Speaker Loads
2 – .039 DIA
(1.0)
.197
± .004
(5.0
± .1)
.59
± .004
(15.0
± .1)
.295
± .004
(7.5
± .1)
4 – .051 DIA
(1.3)
Note: This data is based on the max. allowable
temperature for E type insulation coil (115
°C).
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
60
50
40
30
20
10
-40 -20
Ambient Temp. (
°C)
20
0
20 40 60
80 100
40
60
80
100
120
140
160
0
180
120 140
Operating
Votage Range
Pick-Up Voltage
Cool Coil
Hot Coil (3A)
Maximum
Allowable
Coil Voltage
20
30
40
50
60
70
80
90
100
Contact Current (A)
0
0
2
46
8 10
10
12 14 16 18 20 22 24
Magnet Model
8
Ω
6
Ω
4
Ω
non Magnet Model
°C 3A
20
°C 3A
85
°C 0A
85
°C 0A
20
None at present.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com