Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3300 Datasheet(PDF) 3 Page - ebm-papst

Part # 3300
Description  DC axial fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

3300 Datasheet(HTML) 3 Page - ebm-papst

  3300 Datasheet HTML 1Page - ebm-papst 3300 Datasheet HTML 2Page - ebm-papst 3300 Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
165
Available on request:
– Electrically isolated sensor and signal circuit
– Varying voltage potentials for power and logic circuit
Type
VDC
mA
VDC
mA
VDC
mA
Page
5200 N
0,4
2
30
0
30
4
2
64
DV 5200
0,4
2
30
0
30
4
2
65
5112 N
0,4
2
15
0
5
20
2
66
5114 N / 5118 N
0,4
2
60
0
60
20
2
66
5300
0,4
2
72
0
72
4
2
67
5300 TD
0,4
2
72
0
72
20
6
68
7112 N / 7118 N
0,4
2
60
0
60
20
2
69
7114 N
0,4
2
30
0
30
20
2
69
7200 N
0,4
2
15
0
15
20
2
70
6300
0,4
2
72
0
72
20
2
72
6300 TD
0,4
2
72
0
72
20
6
73/74
DV 6300
0,4
2
72
0
72
20
6
75
6400
0,4
2
60
0
60
20
2
76
2200 FTD
0,4
2
72
0
72
20
6
80
RL 48
0,4
2
30
0
30
4
2
95
RL 65
0,4
2
30
0
30
4
2
96
RL 90 N
0,4
2
30
0
30
4
2
97
RLF 100
0,4
2
30
0
30
4
2
98
RG 90 N
0,4
2
30
0
30
4
2
99
RG 125 N
0,4
2
30
0
30
4
2
100
RG 160 N
0,4
2
30
0
30
20
2
101
RG 160 NTD
0,4
2
60
0
60
20
6
102
RG 190 TD
0,4
2
72
0
72
20
6
103
RG 220 TD
0,4
2
72
0
72
20
6
104
RG 225 TD
0,4
2
72
0
72
20
6
105
RET 97 TD
0,4
2
72
0
72
20
6
106
REF 100
0,4
2
30
0
30
4
2
107
RER 120 TD
0,4
2
72
0
72
20
6
109
RER 133 TD
0,4
2
72
0
72
20
6
113
RER 160 NTD
0,4
2
60
0
60
20
6
115
REF 175 TD
0,4
2
72
0
72
20
6
116
RER 175 TD
0,4
2
72
0
72
20
6
117
RER 190 TD
0,4
2
72
0
72
20
6
118
RER 220 TD
0,4
2
72
0
72
20
6
124
RER 225 TD
0,4
2
72
0
72
20
6
125
Subject to alternations
Signal data
Note:
With these fan options, deviations in regard to temperature range, voltage
range and power consumption are possible compared with standard fan
data.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com