Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS28 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS28
Description  High-Speed Double Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS28 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS28 Datasheet HTML 1Page - Micro Commercial Components BAS28 Datasheet HTML 2Page - Micro Commercial Components BAS28 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
BAS28
High-Speed
Double Diode
Features
Continuous reverse voltage:max.75V
High switching speed:4ns.
Repetitive peak forward current:max.500mA
High speed switching application.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Parameter
Symbol
Limits
unit
MCC
TM
Micro Commercial Components
Revision:
A
20
13/11/06
www.mccsemi.com
1 of 3
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.047
.055
1.20
1.39
C
.033
.045
0.84
1.14
F.031
.037
0.79
0.93
H.028
.033
0.72
0.83
J
.003
.006
0.08
0.15
DIMENSIONS
A
C
E B
H
G
D
J
I
F
2
1
3
4
D
.012
.020
0.30
0.50
E
.083
.098
2.11
2.50
G
.070
.080
1.78
2.03
I
.018
.024
0.46
0.60
H.028
.033
0.72
0.83
Continuous Reverse Voltage
VR
75
V
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
Operating Junction &StorageTemperature: -55
°C to +150°C
Maximum Ratings
Halogen free available upon request by adding suffix "-HF"
Marking: JT
Repetitive Peak Reverse Voltage
VRRM
85
V
Repetitive Peak Forward Current
IFRM
500
mA
Continuous Forward Current
IF
215
mA
Surge Current
t=1us
Power Dissipation(Note 1)
Pd
250
mW
t=1ms
t=1s
4
IFSM
1
0.5
A
Thermal resistance from junction to ambient
RthJA
500
oC/W
SOT-143


Similar Part No. - BAS28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS28 PHILIPS-BAS28 Datasheet
35Kb / 7P
High-speed double diode
1996 Sep 10
logo
Siemens Semiconductor G...
BAS28 SIEMENS-BAS28 Datasheet
102Kb / 4P
Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
logo
Central Semiconductor C...
BAS28 CENTRAL-BAS28 Datasheet
49Kb / 2P
DUAL, ISOLATED HIGH SPEED SWITCHING DIODE
logo
Infineon Technologies A...
BAS28 INFINEON-BAS28 Datasheet
439Kb / 4P
Silicon Switching Diode
Feb-21-2003
logo
Guangdong Kexin Industr...
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
More results

Similar Description - BAS28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Guangdong Kexin Industr...
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
High-Speed Double Diode
logo
NXP Semiconductors
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
High-speed Double Diode
logo
NXP Semiconductors
BAV74.235 NXP-BAV74.235 Datasheet
133Kb / 9P
High-speed double diode
2004 Jan 14
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
High-speed double diode
2004 Jan 14
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
High-speed double diode
2003 Nov 07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com