Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SMD36PL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMD36PL
Description  3 Amp Schottky Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMD36PL Datasheet(HTML) 1 Page - Micro Commercial Components

  SMD36PL Datasheet HTML 1Page - Micro Commercial Components SMD36PL Datasheet HTML 2Page - Micro Commercial Components SMD36PL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S
MD32PL
THRU
S
MD310PL
3 Amp Schottky
Rectifier
20 to 100 Volts
Features
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S
MD32PL
SM32
20V
14V
20V
SMD38PL
SM38
80V
56V
80V
SMD310PL
SM310
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
IF
3.0A
Ta=75°C
IFSM
80A
8.3ms,half sine
SMD32PL~34PL
SMD36PL
SMD38PL-310PL
VF
0.50V
0.65V
IFM=3.0A;
TJ=25°C
IR
SOD-123FL
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
A
20
16/07/28
www.mccsemi.com
1 of 3
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
E
C
D
H
G
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.053
0.90
1.35
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25
0.85V
Micro Commercial Components
M C C
R
SMD34PL
SM34
40V
28V
40V
SMD36PL
SM36
60V
42V
60V
0.1mA
TA=25°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
Maximum
Instantaneous
Forward Voltage
Peak Forward Surge
Current
Average Forward
Current
Note: 1.High Temperature Solder Exemption Applied, See EU Directive Annex 7.
•
Operating Temperature:-55°C to +125°C(SMD32PL~SMD34PL)
-55°C to +150°C(SMD36PL~SMD310PL)
•
Storage Temperature:-55°C to +150°C
•
Maximum Thermal Resistance; 20°C/W Junction To Lead
•
Schottky Barrier Rectifier
•
High Current Capability
•
Low Forward Voltage
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/RoHS Compliant(Note 1)("P" Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - SMD36PL

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SMD36PL DGNJDZ-SMD36PL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD36PL DGNJDZ-SMD36PL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD36PL DGNJDZ-SMD36PL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD36PL DGNJDZ-SMD36PL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD36PL-3A-SOD-123FL DGNJDZ-SMD36PL-3A-SOD-123FL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
More results

Similar Description - SMD36PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK32 MCC-SK32 Datasheet
899Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
SK32 MCC-SK32_11 Datasheet
302Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
SK32A MCC-SK32A Datasheet
237Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
SK32B MCC-SK32B_11 Datasheet
275Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
SK32B-L MCC-SK32B-L Datasheet
245Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Tiger Electronic Co.,Lt...
SK32 TGS-SK32 Datasheet
595Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK38A-LTP MCC-SK38A-LTP Datasheet
179Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
SK32AFL MCC-SK32AFL_17 Datasheet
297Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
SK32B MCC-SK32B_13 Datasheet
209Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK32 LEIDITECH-SK32 Datasheet
681Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com