Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC755CMZFU366LE Datasheet(PDF) 2 Page - ATMEL Corporation

Part # PC755CMZFU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CMZFU366LE Datasheet(HTML) 2 Page - ATMEL Corporation

  PC755CMZFU366LE Datasheet HTML 1Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 2Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 3Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 4Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 5Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 6Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 7Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 8Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
PC755/745
2138D–HIREL–06/03
Screening
This product is manufactured in full compliance with:
CBGA + CI-CGA + FC-PBGA up screenings based upon Atmel standards
HiTCE
Full military temperature range (Tj = -55
°C,+125°C)
industrial temperature range (Tj = -40
°C,+110°C)
General Description
Simplified Block Diagram The PC755 is targeted for low power systems and supports power management fea-
tures such as doze, nap, sleep, and dynamic power management. The PC755 consists
of a processor core and an internal L2 Tag combined with a dedicated L2 cache inter-
face and a 60x bus.
Figure 1. PC755 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com