Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFM Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RFM
Description  Non-Inductive High Frequency Melf Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RFM Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RFM Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RFM Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RFM Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RFM Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RFM Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/4
Product Introduction
Features :
 Low-inductance non-helical trimmed product.
 Ower dissipation rating at 70℃ up to 0.75W.
 Speciality high frequency product for RF
applications.
 Suitable for more than GHz operation; Excellent
overall stability: Class 0.5.
 Tolerance range: ±0.5% to ±5.0%; Resistance
range: 25Ω to 200Ω.
 Special metal film technology, DIN: 0102, 0204,
0207.
 Lead (Pb)-free and RoHS compliant.
Applications :
 Medical Equipment.
 Industrial electronics.
 Automatic Equipment Controller.
 HF and pulse loading applications.
 Testing & Measurement Equipment.
 Consumer Product, Printer Equipment.
 Communication Device, Cell phone, GPS, PDA.
The high frequency RFM specialty series of non-inductance
MELF resistor from Token Electronics has been extended to offer
more than GHz operation, making the devices more suitable for
high frequency RF applications.
They are the perfect choice in high frequency circuit designs
where the parasitic inductance of regular, helical trimmed resistors
cannot be accepted, but where also pulse energies apply. Typical
applications are in the fields of telecommunication equipment and
industrial electronics.
These high stability, non-inductance MELF resistors have a footprint very close to comparable chip
resistors but maintain their tolerance and deliver higher stability over a wider temperature range. Sizes
range from 5.7 × 2.1mm for the RFM74 MELF-0207, through 3.45 × 1.3mm for the RFM73
MELF-0204 down to 2.2 × 1.3mm for the RFM72 MELF-0102.
Production is strictly controlled and follows and extensive set of instructions established for
reproducibility. The groove on the metal alloy film of high grade ceramic rod is special designed to
achieve non inductance. The resistor elements are covered by a protective coating designed for
mechanical, electrical and climatic protection.
The terminations are covered with final pure tin plating for keeping perfect solder ability. Four or five
color code rings designate the resistance value and tolerance in accordance with IEC 60062.
Token's RFM MELF standard series can be a replacement for Vishay, IRC, EBG, KAO, and Panasonic
Precision Devices with more competitive price and short lead time. Contact us with your specific
needs. Please link to Token official website "Melf Resistors" for more information.
Non-Inductance MELF Resisters offer greater choice for
high frequency applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com