Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCS Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TCS
Description  Chip Current Sensing Precision Resistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCS Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TCS Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCS Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCS Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCS Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCS Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCS Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCS Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCS Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCS Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/9
Product Introduction
Features :
 Thin Film Process.
 Resistance Values from 50mΩ to 1Ω.
 Very Tight Tolerance from ±1% to ±0.5%.
 Extremely Low TCR from ±200 PPM/℃ to
±50PPM/℃.
 High Purity Alumina Substrate for High Power
Dissipation.
 RoHS Requirments with Pb-free Terminations.
Applications :
 Voltage Regulation Module (VRM),
 Portable Devices (PDA, Cell phone),
 Disk Driver, Switching Power Supply,
 Over Current Protection in Audio Application,
 DC-DC Converter, Battery Pack, Charger,
Adaptor,
 Automotive Engine Control, Power Management
Applications,
The trend towards smaller handheld and portable electronics
equipment has also increased the need for ultra-small current sensing
resistor. Devices from the Token Electronics' TCS series use a thin
film construction that enables them to achieve precision resistance
tolerances, low noise and long-term stability.
The Token TCS Series precision resistors are nichrome thin film chip
resistors with a temperature coefficient of resistance of just ±50PPM/
℃
and tolerances of ±0.5%.
They offer excellent stability at high frequencies and are suitable for
operating high voltages with more options in the smaller form sizes of 0402, 0603, 0402, 0805, 1206,
2010, and 2512.
The full range of values is from 50mΩ to 1Ω. This low ohm devices are particularly suited to car
engine management units to act as current shunt resistors.
The TCS current sense series is fully RoHS compliant and is supplied in tape and reel packaging ready
for use with automated assembly processes.
For more chip low ohm resistors, please link to Token official website “Current Sense Resistors”.
Contact us with your specific needs.
Token's TCS (thin film current sensing chip resistor)
makes sense of current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com