Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DAT-31R5A-PP Datasheet(PDF) 1 Page - Mini-Circuits

Part # DAT-31R5A-PP
Description  Digital Step Attenuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DAT-31R5A-PP Datasheet(HTML) 1 Page - Mini-Circuits

  DAT-31R5A-PP Datasheet HTML 1Page - Mini-Circuits DAT-31R5A-PP Datasheet HTML 2Page - Mini-Circuits DAT-31R5A-PP Datasheet HTML 3Page - Mini-Circuits DAT-31R5A-PP Datasheet HTML 4Page - Mini-Circuits DAT-31R5A-PP Datasheet HTML 5Page - Mini-Circuits DAT-31R5A-PP Datasheet HTML 6Page - Mini-Circuits DAT-31R5A-PP Datasheet HTML 7Page - Mini-Circuits DAT-31R5A-PP Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Digital Step Attenuator
CASE STYLE: DG983-2
The Big Deal
• Wideband, operates up to 4 GHz
• Immune to latchup
• High IP3, 52 dBm
Product Overview
The DAT-31R5A+ series of 50Ω digital step attenuators provides adjustable attenuation from 0 to 31.5 dB
in 0.5 dB steps. The control is a 6-bit serial/parallel interface, and the attenuators operate with either single
positive or dual (positive and negative) supply voltage. DAT-31R5A+ series models are produced by a
unique CMOS process on silicon, offering the performance of GaAs with the advantages of conventional
CMOS devices.
Feature
Advantages
Wideband operation, specified from DC
to 4.0 GHz
Can be used in multiple applications such as communications, satellite and defense,
reducing part count.
Serial or parallel interface
Models available with serial or parallel interface mode to suit customer demand.
Good VSWR, 1.2:1 typ.
Eases interfacing with adjacent components and results in low amplitude ripple.
Single positive supply models:
(Model suffixes: -SP+ and –PP+)
+2.3 to +3.6V+
Use of single positive supply simplifies power supply design. An internal negative voltage
generator supplies the desired negative voltage. Single positive supply results in excellent
spurious performance, -140 dBm typical.
Dual supply models:
(Model suffixes: -SN+ and –PN+)
+2.7 to +3.6V (Positive) and
-3.6 to -3.2V (Negative)
Dual supply provides spurious-free operation. It also allows fast switching up to 1 MHz (vs.
25 kHz for single supply).
Useable over a wide range of supply
voltages, +2.3/2.7 to 5.2V
Wide range fo positive operating voltages allows the DAT-31R5A+ Series of models to be
used in a wide range of applications. See Application Note AN-70-006 for operation above
+3.6V
Footprint compatible to DAT-31R5-XX+
Series (XX=SN/SP/PN/PP)
Can fit into existing footprint and provide wideband performance, to 4 GHz instead of
2.4 GHz.
DAT-31R5A+ Series
Key Features
50Ω 0 to 31.5 dB, 0.5 dB Step DC to 4.0 GHz
Surface Mount


Similar Part No. - DAT-31R5A-PP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
Digital Step Attenuator
DAT-31R5A-PN+ MINI-DAT-31R5A-PN+ Datasheet
597Kb / 8P
Digital Step Attenuator
More results

Similar Description - DAT-31R5A-PP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
Digital Step Attenuator
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com