Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DTC143ESA Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DTC143ESA
Description  Digital Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC143ESA Datasheet(HTML) 1 Page - Micro Commercial Components

  DTC143ESA Datasheet HTML 1Page - Micro Commercial Components DTC143ESA Datasheet HTML 2Page - Micro Commercial Components DTC143ESA Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTC143ESA
Digital Transistors
Features
Epitaxial Planar Die Construction
Complementary
PNP Types Available
Built-In Biasing Resistors
Absolute maximum ratings @ 25
Symbol
Parameter
Min
Typ
Max
Unit
IC
Collector current
---
100
---
mA
VIN
Input voltage
-
10
---
+30
V
Pd
Power dissipation
---
300
---
mW
Tj
Junction temperature
---
150
---
Tstg
Storage temperature
-55
---
150
Electrical Characteristics @ 25
Symbol
Parameter
Min
Typ
Max
Unit
VI(off)
0.5
---
---
V
VI(on)
Input voltage (VCC=5V, IO=100
A)
(VO=0.3V, IO=20mA)
---
---
3
V
VO(on)
Output voltage (IO=10mA,Ii=0.5mA)
---
---
0.3
V
II
Input current (VI=5V)
---
---
1.8
mA
IO(off)
Output current (VCC=50V, VI=0)
---
---
0.5
A
GI
DC current gain (VO=5V, IO=10mA)
20
---
---
R1
Input resistance
3.29
4.7
6.11
K
R2/R1
Resistance ratio
0.8
1
1.2
fT
Transition frequency
(VCE=10V, IE=5mA, f=100MHz)
---
250
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: C
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of
3
Moisure Sensitivity Level 1
VCC
Supply Voltage
---
---
50
V
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
TO-92S
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.056
.064
1.42
1.62
B
B
.154
.161
3.90
4.10
C
.120
.128
3.05
3.25
C
D
E
DIMENSIONS
1
2
3
1
2
3
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
.050
1.27
D
.086
.110
2.20
2.80
E
.096
.104
2.44
2.64
.173
.220
4.40
5.60
L
.594
.610
15.10
15.50
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
Straight Lead
Bent Lead
Straight Lead
Bent Lead
1. GND
2. OUT
3. IN
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - DTC143ESA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143ESA ROHM-DTC143ESA Datasheet
87Kb / 4P
Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTC143ESA JIANGSU-DTC143ESA Datasheet
136Kb / 2P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143ESA SECOS-DTC143ESA Datasheet
142Kb / 2P
NPN Digital Transistors (Built-in Resistors)
DTC143ESA SECOS-DTC143ESA Datasheet
147Kb / 2P
NPN Digital Transistors ( Built-in Resistors)
DTC143ESA-C SECOS-DTC143ESA-C Datasheet
147Kb / 2P
NPN Digital Transistors ( Built-in Resistors)
More results

Similar Description - DTC143ESA

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
Digital Transistors
UMH1N MCC-UMH1N Datasheet
191Kb / 3P
Digital Transistors
DTC113ZCA MCC-DTC113ZCA_11 Datasheet
391Kb / 3P
Digital Transistors
DTC143ZCA MCC-DTC143ZCA_11 Datasheet
210Kb / 2P
Digital Transistors
logo
Unisonic Technologies
DTA123E UTC-DTA123E_11 Datasheet
198Kb / 3P
DIGITAL TRANSISTORS
DTA123J UTC-DTA123J_11 Datasheet
125Kb / 2P
DIGITAL TRANSISTORS
DTA144E UTC-DTA144E_11 Datasheet
174Kb / 3P
DIGITAL TRANSISTORS
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com