Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSHB10HS-R22027 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSHB10HS-R22027
Description  KEMET, SSHB10HS, Commercial Grade, 2700 uH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSHB10HS-R22027 Datasheet(HTML) 1 Page - Kemet Corporation

  SSHB10HS-R22027 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSHB10HS-R22027
KEMET, SSHB10HS, Commercial Grade, 2700 uH
Dimensions
L
22mm MAX
T
17mm MAX
H
15.5mm MAX
S
10mm +/-0.5mm
S1
13mm NOM
LL
3.5mm +/-0.5mm
F
0.7mm NOM
Packaging Specifications
Weight: 10 g
Packaging: Bulk
General Information
Series: SSHB10HS
Style: Through-Hole Choke
Description:
Common Mode Filter, SS Coils,
SSHB10HS, Wide Range
Impedance Type
RoHS: Yes
Miscellaneous: Temperature Rise Maximum: 55
K
Notes: Marking: R22 Lot No.
Specifications
Inductance: 2.7 mH (10 kHz)
Temperature Range: -25/+120C
Rated Temperature: 120C
Current: 2.2 Amps
Voltage AC: 250 VAC
Withstanding Voltage: 2400 VDC
Insulation Resistance: 100 MOhms
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 3/20/2018 - 4f130204-e23d-42dd-a9da-d5bf7f81a5a9


Similar Part No. - SSHB10HS-R22027

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB10HS-R04620 KEMET-SSHB10HS-R04620 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.062 H
SSHB10HS-R05415 KEMET-SSHB10HS-R05415 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.0415 H
SSHB10HS-R06330 KEMET-SSHB10HS-R06330 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.033 H
SSHB10HS-R07230 KEMET-SSHB10HS-R07230 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.023 H
SSHB10HS-R08160 KEMET-SSHB10HS-R08160 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 0.016 H
More results

Similar Description - SSHB10HS-R22027

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB10HS-07099 KEMET-SSHB10HS-07099 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 9900 uH
SSHB10HS-08068 KEMET-SSHB10HS-08068 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 6800 uH
SSHB10HS-10051 KEMET-SSHB10HS-10051 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 5100 uH
SSHB10HS-11043 KEMET-SSHB10HS-11043 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 4300 uH
SSHB10HS-13030 KEMET-SSHB10HS-13030 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 3000 uH
SSHB10HS-17019 KEMET-SSHB10HS-17019 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 1900 uH
SSHB10HS-22011 KEMET-SSHB10HS-22011 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 1100 uH
SSHB10HS-30006 KEMET-SSHB10HS-30006 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 600 uH
SSHB10HS-R13071 KEMET-SSHB10HS-R13071 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 7100 uH
SSHB10HS-R17046 KEMET-SSHB10HS-R17046 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 4600 uH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com