Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML13155 Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # ML13155
Description  Wideband FM IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13155 Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML13155_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13155_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13155_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13155_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13155_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13155_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13155_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13155_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13155_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.lansdale.com
Page 4 of 16
Issue A
ML13155
LANSDALE Semiconductor, Inc.
– 5.0 Vdc
Vin, INPUT VOLTAGE (mVrms)
TA, AMBIENT TEMPERATURE (°C)
0.1
TA, AMBIENT TEMPERATURE (°C)
10
f, FREQUENCY (MHz)
– 50
TA, AMBIENT TEMPERATURE (°C)
Figure 3. Drain Current versus Supply Voltage
Figure 4. RSSI Output versus Frequency and
Input Signal Level
Figure 5. Total Drain Current versus Ambient
Temperature and Supply Voltage
Figure 6. Detector Drain Current and Limiter
Drain Current versus Ambient Temperature
Figure 7. RSSI Output versus Ambient
Temperature and Supply Voltage
0.0
VEE, SUPPLY VOLTAGE (–Vdc)
Figure 8. RSSI Output versus Input Signal
Voltage (Vin at Temperature)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
100
1000
– 30
– 10
10
30
50
70
90
110
1.0
10
100
1000
TA = 25°C
0 dBm
–10 dBm
– 20 dBm
– 30 dBm
– 40 dBm
I14
– 50
– 30
–10
10
30
50
70
90
110
– 50
– 30
–10
10
30
50
70
90
110
I11
ITotal = I14 + I11
I14
VEE = – 5.0Vdc
f = 70 MHz
VEE = – 5.0 Vdc
VEE = – 6.0 Vdc
– 3.0 Vdc
VEE = – 6.0 Vdc
VEE = – 5.0 Vdc
VEE = – 3.0 Vdc
TA = + 85°C
– 40°C
+ 25°C
TYPICAL PERFORMANCE AT TEMPERATURE
(See Figure 2. Test Circuit)
100
5.5
9.0
10
8.0
6.0
4.0
2.0
0.0
100
80
60
40
20
0
5.0
5.0
4.5
4.0
3.5
3.0
2.0
80
60
40
20
0
25.0
24.5
24.0
23.5
23.0
22.5
22.0
21.5
8.5
8.0
7.5
7.0
6.5
6.0
5.5
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com