Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CY62147CV33 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62147CV33
Description  256K x 16 Static RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62147CV33 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62147CV33 Datasheet HTML 1Page - Cypress Semiconductor CY62147CV33 Datasheet HTML 2Page - Cypress Semiconductor CY62147CV33 Datasheet HTML 3Page - Cypress Semiconductor CY62147CV33 Datasheet HTML 4Page - Cypress Semiconductor CY62147CV33 Datasheet HTML 5Page - Cypress Semiconductor CY62147CV33 Datasheet HTML 6Page - Cypress Semiconductor CY62147CV33 Datasheet HTML 7Page - Cypress Semiconductor CY62147CV33 Datasheet HTML 8Page - Cypress Semiconductor CY62147CV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY62147CV25/30/33
MoBL™
Document #: 38-05202 Rev. *A
Page 4 of 14
.
Electrical Characteristics Over the Operating Range (continued)
CY62147CV33-55
CY62147CV33-70
Parameter
Description
Test Conditions
Min.
Typ.[4]
Max.
Min.
Typ.[4]
Max.
Unit
VOH
Output HIGH Voltage
IOH = –1.0 mA
VCC = 3.0V
2.4
2.4
V
VOL
Output LOW Voltage
IOL = 2.1 mA
VCC = 3.0V
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC +
0.3V
2.2
VCC +
0.3V
V
VIL
Input LOW Voltage
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage Current GND < VI < VCC
–1
+1
–1
+1
µA
IOZ
Output Leakage Cur-
rent
GND < VO < VCC, Output Disabled
–1
+1
–1
+1
µA
ICC
VCC Operating Supply
Current
f = fMAX = 1/tRC
VCC = 3.6V
IOUT = 0 mA
CMOS Levels
7
15
5.5
12
mA
f = 1 MHz
1.5
3
1.5
3
ISB1
Automatic CE
Power-Down Cur-
rent— CMOS Inputs
CE > VCC – 0.2V
VIN > VCC – 0.2V or VIN < 0.2V,
f = fmax (Address and Data Only),
f=0 (OE,WE,BHE and BLE)
8
20
8
20
µA
ISB2
Automatic CE
Power-Down Cur-
rent— CMOS Inputs
CE > VCC – 0.2V
VIN > VCC – 0.2V or VIN < 0.2V,
f = 0, VCC = 3.6V
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ.)
6
pF
COUT
Output Capacitance
8
pF
Thermal Resistance
Description
Test Conditions
Symbol
BGA
Unit
Thermal Resistance
(Junction to Ambient)[5]
Still Air, soldered on a 3 x 4.5 inch, two-layer printed
circuit board
Θ
JA
55
°C/W
Thermal Resistance
(Junction to Case)[5]
Θ
JC
16
°C/W
Note:
5.
Tested initially and after any design or process changes that may affect these parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com