Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4200 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # PSOC4200
Description  Programmable System-on-Chip (PSoC짰)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4200 Datasheet(HTML) 2 Page - Cypress Semiconductor

  PSOC4200 Datasheet HTML 1Page - Cypress Semiconductor PSOC4200 Datasheet HTML 2Page - Cypress Semiconductor PSOC4200 Datasheet HTML 3Page - Cypress Semiconductor PSOC4200 Datasheet HTML 4Page - Cypress Semiconductor PSOC4200 Datasheet HTML 5Page - Cypress Semiconductor PSOC4200 Datasheet HTML 6Page - Cypress Semiconductor PSOC4200 Datasheet HTML 7Page - Cypress Semiconductor PSOC4200 Datasheet HTML 8Page - Cypress Semiconductor PSOC4200 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
PSoC® 4: PSoC 4200
Family Datasheet
Document Number: 001-87197 Rev. *J
Page 2 of 45
More Information
Cypress provides a wealth of data at www.cypress.com to help you to select the right PSoC device for your design, and to help you
to quickly and effectively integrate the device into your design. For a comprehensive list of resources, see the knowledge base article
KBA86521, How to Design with PSoC 3, PSoC 4, and PSoC 5LP. Following is an abbreviated list for PSoC 4:
■ Overview: PSoC Portfolio, PSoC Roadmap
■ Product Selectors: PSoC 1, PSoC 3, PSoC 4, PSoC 5LP
In addition, PSoC Creator includes a device selection tool.
■ Application notes: Cypress offers a large number of PSoC
application notes covering a broad range of topics, from basic
to advanced level. Recommended application notes for getting
started with PSoC 4 are:
❐ AN79953: Getting Started With PSoC 4
❐ AN88619: PSoC 4 Hardware Design Considerations
❐ AN86439: Using PSoC 4 GPIO Pins
❐ AN57821: Mixed Signal Circuit Board Layout
❐ AN81623: Digital Design Best Practices
❐ AN73854: Introduction To Bootloaders
❐ AN89610: ARM Cortex Code Optimization
❐ AN90071: CY8CMBRxxx CapSense Design Guide
■ Technical Reference Manual (TRM) is in two documents:
❐ Architecture TRM details each PSoC 4 functional block.
❐ Registers TRM describes each of the PSoC 4 registers.
■ Development Kits:
❐ CY8CKIT-042, PSoC 4 Pioneer Kit, is an easy-to-use and
inexpensive development platform. This kit includes
connectors for Arduino™ compatible shields and Digilent®
Pmod™ daughter cards.
❐ CY8CKIT-049 is a very low-cost prototyping platform. It is a
low-cost alternative to sampling PSoC 4 devices.
❐ CY8CKIT-001 is a common development platform for any
one of the PSoC 1, PSoC 3, PSoC 4, or PSoC 5LP families
of devices.
The MiniProg3 device provides an interface for flash
programming and debug.
PSoC Creator
PSoC Creator is a free Windows-based Integrated Design Environment (IDE). It enables concurrent hardware and firmware design
of PSoC 3, PSoC 4, and PSoC 5LP based systems. Create designs using classic, familiar schematic capture supported by over 100
pre-verified, production-ready PSoC Components; see the list of component datasheets. With PSoC Creator, you can:
1. Drag and drop component icons to build your hardware
system design in the main design workspace
2. Codesign your application firmware with the PSoC hardware,
using the PSoC Creator IDE C compiler
3. Configure components using the configuration tools
4. Explore the library of 100+ components
5. Review component datasheets
Figure 1. Multiple-Sensor Example Project in PSoC Creator
3
1
2
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com