Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH206K Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH206K
Description  Silicon PIN Photodiode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH206K Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH206K Datasheet HTML 1Page - OSRAM GmbH SFH206K Datasheet HTML 2Page - OSRAM GmbH SFH206K Datasheet HTML 3Page - OSRAM GmbH SFH206K Datasheet HTML 4Page - OSRAM GmbH SFH206K Datasheet HTML 5Page - OSRAM GmbH SFH206K Datasheet HTML 6Page - OSRAM GmbH SFH206K Datasheet HTML 7Page - OSRAM GmbH SFH206K Datasheet HTML 8Page - OSRAM GmbH SFH206K Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Version 1.3
SFH 206 K
2016-01-04
5
Directional Characteristics 1) page 8
Srel = f(ϕ)
Package Outline
Dimensions in mm (inch).
Package
5mm Radial (T 1 ¾), Epoxy
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0
6.9 (0.272)
6.3 (0.248)
0.8 (0.031)
4.0 (0.157)
34 (1.339)
32 (1.260)
1.8 (0.071)
1.2 (0.047)
0.6 (0.024) x 0.5 (0.020)
0.4 (0.016) x 0.3 (0.012)
4.1 (0.161)
3.7 (0.146)
Cathode
Area not flat
Radiant sensitive area
GEOY6647



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com