Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH7779 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7779 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7779 Datasheet HTML 1Page - OSRAM GmbH SFH7779 Datasheet HTML 2Page - OSRAM GmbH SFH7779 Datasheet HTML 3Page - OSRAM GmbH SFH7779 Datasheet HTML 4Page - OSRAM GmbH SFH7779 Datasheet HTML 5Page - OSRAM GmbH SFH7779 Datasheet HTML 6Page - OSRAM GmbH SFH7779 Datasheet HTML 7Page - OSRAM GmbH SFH7779 Datasheet HTML 8Page - OSRAM GmbH SFH7779 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Version 1.2
SFH 7779
2016-04-25
5
Maximum Ratings (TA = 25 °C)
Parameter
Symbol
Values
Unit
Storage temperature range
Tstg
-40 ... 100
°C
Operating temperature range
Top
-40 ... 85
°C
Maximum supply voltage
(between
V
DD and GND)
V
DD
4.5
V
Maximum voltage of SDA, SCL to GND
V
dig
4.5
V
Maximum voltage of INT to GND
V
int
7
V
Maximum voltage of VLED to GND
V
LED
7
V
Maximum Current of INT and SDA
I
INT / ISDA
7
mA
ESD withstand voltage
(acc. to ANSI / ESDA JEDEC JS-001-HBM)
V
ESD
2kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com