Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPLTR85 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLTR85
Description  Infrared Laser Diode in TO56 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLTR85 Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLTR85 Datasheet HTML 1Page - OSRAM GmbH SPLTR85 Datasheet HTML 2Page - OSRAM GmbH SPLTR85 Datasheet HTML 3Page - OSRAM GmbH SPLTR85 Datasheet HTML 4Page - OSRAM GmbH SPLTR85 Datasheet HTML 5Page - OSRAM GmbH SPLTR85 Datasheet HTML 6Page - OSRAM GmbH SPLTR85 Datasheet HTML 7Page - OSRAM GmbH SPLTR85 Datasheet HTML 8Page - OSRAM GmbH SPLTR85 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Version 0.2
SPL TR85
2017-07-24
3
DRAFT - This design is for Reference only. Subject to change
without notice.
Optical Output Power
P
opt = ƒ (IF)
Operating Voltage
V
F = ƒ (IF)
Threshold Current
I
th = ƒ (Tcase)
Spectra
P
opt = ƒ (λ)
0
50
100
150
200
250
0
50
100
150
200
T
case
= 60 °C
T
case
= 40 °C
T
case
= 20 °C
I
F
[mA]
0
50
100
150
200
250
1,2
1,3
1,4
1,5
1,6
1,7
1,8
1,9
T
case
= 60 °C
T
case
= 40 °C
T
case
= 20 °C
I
F
[mA]
20
40
60
80
50
55
60
65
70
75
T
case
[°C]
840
850
860
870
0,0
0,2
0,4
0,6
0,8
1,0
T
case
= 20 °C
T
case
= 40 °C
T
case
= 60 °C
[nm]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com