Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP1075 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1075
Description  Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP1075 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP1075 Datasheet HTML 17Page - Texas Instruments TMP1075 Datasheet HTML 18Page - Texas Instruments TMP1075 Datasheet HTML 19Page - Texas Instruments TMP1075 Datasheet HTML 20Page - Texas Instruments TMP1075 Datasheet HTML 21Page - Texas Instruments TMP1075 Datasheet HTML 22Page - Texas Instruments TMP1075 Datasheet HTML 23Page - Texas Instruments TMP1075 Datasheet HTML 24Page - Texas Instruments TMP1075 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
TMP1075
www.ti.com
SBOS854 – MARCH 2018
Product Folder Links: TMP1075
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
8.2.2 Detailed Design Procedure
Place the TMP1075 device in close proximity to the heat source that must be monitored, with a proper layout for
good thermal coupling. This placement ensures that temperature changes are captured within the shortest
possible time interval. To maintain accuracy in applications that require air or surface temperature measurement,
take care to isolate the package and leads from ambient air temperature. A thermally-conductive adhesive is
helpful in achieving accurate surface temperature measurement.
8.2.3 Application Curve
shows the step response of the TMP1075 device to a submersion in an oil bath of 100ºC from room temperature
(27ºC). The time-constant, or the time for the output to reach 63% of the input step, is 1.5 s. The time-constant
result depends on the printed-circuit-board (PCB) that the TMPx175 devices are mounted. For this test, the
TMP1075 device were soldered to a two-layer PCB that measured 0.375 inch × 0.437 inch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com