Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP3502 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP3502
Description  CDMA Power Management System
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3502 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP3502 Datasheet HTML 17Page - Analog Devices ADP3502 Datasheet HTML 18Page - Analog Devices ADP3502 Datasheet HTML 19Page - Analog Devices ADP3502 Datasheet HTML 20Page - Analog Devices ADP3502 Datasheet HTML 21Page - Analog Devices ADP3502 Datasheet HTML 22Page - Analog Devices ADP3502 Datasheet HTML 23Page - Analog Devices ADP3502 Datasheet HTML 24Page - Analog Devices ADP3502 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
REV. 0
ADP3502
–21–
RTC
OUTPUT DATA
SELECT
ADDRESS
DECODE
STAY-ALIVE
TIMER
TEST MODE
REGISTER
BLOCK
PWRONKEY N
OPT1 N
OPT2 N
OPT3
POWER ON
SYNC
INTERRUPT
REGISTER
BLOCK
POWER
OFF
DATA
IN
INT
CONTROL
REGISTER
(RESET
AND
MASK)
PWRONKEY N SYNC
OPT1 N SYNC
OPT3 SYNC
KEYPAD
I/F
GPIO
CONTROL
GPIO
KEYPAD
I/F
LED CONTROL
ANALOG BLOCK
BL
KEYPAD INT
LDO CONTROL REGISTER
ANALOG
CONTROL
REGISTERS
LDO
CONTROL
ANALOG
BLOCKS
SERIAL
I/F
DATA
SELECT
WRITE ENABLE
WRITE DATA [7:0]
SYNC
DELAY
10ms
VOLTAGE DETECT
CHARGER DETECT
VOLTAGE DETECT DELAY
BATOV
BLIGHT
DGND
KEYPADCOL[3:0]
KEYPADROW[5:0]
GPIO [3:0]
INT N
TCXOON
SLEEP N
CS
CLKIN
DATA
SP ADDR [4:0]
[VBAT]
CLK32K
CLK1K
32K OSC
TEST IDOENABLE
TEST MODE
RTC TEST
OSC IN
OSC OUT
RESETIN N
RESETIN N
(RESET FOR REGISTERS)
RTC RESETIN N
TEST
RESETOUT N
RSTDELAY N
RESET
32K CLK
OUTPUT
CONTROL
RESET OUTPUT
CONTROL
RTC VOLTAGE DETECT
RTC VOLTAGE DETECT
[RTCV]
32K OUT
CLK512
RTC CLK32K
RTC
REGISTER
BLOCK
Figure 6. LOGIC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com