Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GWT3LSF2.EM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GWT3LSF2.EM
Description  SOLERIQ L 38
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWT3LSF2.EM Datasheet(HTML) 5 Page - OSRAM GmbH

  GWT3LSF2.EM Datasheet HTML 1Page - OSRAM GmbH GWT3LSF2.EM Datasheet HTML 2Page - OSRAM GmbH GWT3LSF2.EM Datasheet HTML 3Page - OSRAM GmbH GWT3LSF2.EM Datasheet HTML 4Page - OSRAM GmbH GWT3LSF2.EM Datasheet HTML 5Page - OSRAM GmbH GWT3LSF2.EM Datasheet HTML 6Page - OSRAM GmbH GWT3LSF2.EM Datasheet HTML 7Page - OSRAM GmbH GWT3LSF2.EM Datasheet HTML 8Page - OSRAM GmbH GWT3LSF2.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
Durchlassspannungsgruppen
Group
Luminous Flux
Luminous Flux
Gruppe
Lichtstrom
Lichtstrom
(min.) Φ
V [lm]
(max.) Φ
V [lm]
LQ
121
130
LR
130
140
LS
140
150
LT
150
164
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
JA
24.00
25.00
UA
25.00
26.00
5A
26.00
27.00
FA
27.00
28.00
RA
28.00
29.00
2A
29.00
30.00
1) page 19
1) Seite 19
1) page 19
1) Seite 19
Version 1.3
GW T3LSF2.EM
2017-10-05
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com