Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GHDASPA2.24 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # GHDASPA2.24
Description  OSCONIQ P 2226
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GHDASPA2.24 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button GHDASPA2.24 Datasheet HTML 4Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 5Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 6Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 7Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 8Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 9Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 10Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 11Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ΔVF = VF - VF(25 °C) = f(Tj); IF = 100 mA
ΦE/ΦE(25 °C) = f(Tj); IF = 100 mA
λcentr = f(Tj); IF = 100 IFmA
GH DASPA2.24
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
GH DASPA2.24
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
E
Φ
E (25°C)
GH DASPA2.24
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-10
-5
0
5
10
15
20
∆λ centr [nm]
Relative Forward Voltage 7) page 19
Relative Vorwärtsspannung 7) Seite 19
Relative Radiant Power 7) page 19
Relative Strahlungsleistung 7) Seite 19
Centroid Wavelength 7) page 19
Centroid Wellenlänge 7) Seite 19
Version 1.1
GH DASPA2.24
2018-03-14
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com