Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS102 Datasheet(PDF) 10 Page - Lumileds Lighting Company

Part # DS102
Description  Plug and play matrix platform solutio with precise flux, Vf and color
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS102 Datasheet(HTML) 10 Page - Lumileds Lighting Company

Back Button DS102 Datasheet HTML 6Page - Lumileds Lighting Company DS102 Datasheet HTML 7Page - Lumileds Lighting Company DS102 Datasheet HTML 8Page - Lumileds Lighting Company DS102 Datasheet HTML 9Page - Lumileds Lighting Company DS102 Datasheet HTML 10Page - Lumileds Lighting Company DS102 Datasheet HTML 11Page - Lumileds Lighting Company DS102 Datasheet HTML 12Page - Lumileds Lighting Company DS102 Datasheet HTML 13Page - Lumileds Lighting Company DS102 Datasheet HTML 14Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
DS102 LUXEON K Product Datasheet 20160726 ©2016 Lumileds Holding B.V. All rights reserved.
9
LXKx-Pxxx-xxx4(A)
Notes for Figure 2:
1. All dimensions are in millimeters.
3.30
Dome Pitch
1.65
3.62
3.22
17.47
2.8
6 (2PLCS)
17.67
5.46
(2PLCS)
0.50
1.90
45.0°
3.45
1.045
Board Thickness
1.265
R1.50
(4PLCS)
0.76
Silicone height
from PCB surface
2D Barcode
R1 (2PLCS)
R1 (2PLCS)
3.30
Wire slot (2PLCS)
A
0.50
Max. runner height
from PCB surface
B
A
19.15
3 (2PLCS)
18.85
(2PLCS)
6.25 (2PLCS)
6.25 (2PLCS)
1.50
2.10
9.40
R0.50
DETAIL B
6.90
R0.50
(5PLCS)
R1
(2X)
DETAIL A
SCALE 10 : 1
(2PLCS)
2.20
2.40
(2PLCS)
3.40
3.20
1
Figure 2. Dimensions for LXKx-Pxxx-xxx4(A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com