Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS148 Datasheet(PDF) 10 Page - Lumileds Lighting Company

Part # DS148
Description  High power SMD solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS148 Datasheet(HTML) 10 Page - Lumileds Lighting Company

Back Button DS148 Datasheet HTML 6Page - Lumileds Lighting Company DS148 Datasheet HTML 7Page - Lumileds Lighting Company DS148 Datasheet HTML 8Page - Lumileds Lighting Company DS148 Datasheet HTML 9Page - Lumileds Lighting Company DS148 Datasheet HTML 10Page - Lumileds Lighting Company DS148 Datasheet HTML 11Page - Lumileds Lighting Company DS148 Datasheet HTML 12Page - Lumileds Lighting Company DS148 Datasheet HTML 13Page - Lumileds Lighting Company DS148 Datasheet HTML 14Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DS148 SignalSure 250 Product Datasheet 20160508 ©2016 Lumileds Holding B.V. All rights reserved.
9
Product Bin and Labeling Definitions
Designing with SignalSure
Flux bins supportable for car programs depend on product color and program start- and end-of-production date. Flux
roadmaps by year and product color are maintained and available from the sales representative. Please contact your local sales
representative to request the flux bin range with best supportability for program timing.
Decoding Product Bin Labeling
In the manufacturing of semiconductor products, there are variations in performance around the average values given in the
technical datasheets. For this reason, Lumileds bins the LED components for luminous flux, color and forward voltage.
SignalSure 250 LEDs are labeled using a 3-digit CAT code following the format below:
A B C
A
designates luminous flux bin (example: J=15 lumens to 18 lumens)
B
designates color code (example: 3=612nm to 618nm)
C
designates forward voltage bin (example: B=2.19V to 2.31V)
Luminous Flux Bins
Table 5 lists the standard luminous flux bins for SignalSure 250 emitters. Product availability in a particular bin varies by color and
platform start-of-production date. Contact your local sales representative for best supportability of programs.
Table 5. Luminous flux bin definitions for SignalSure 250 at 20ms MP, 250mA, T
j=25°C .
BIn
lUMInOUS FlUx (lm)
MInIMUM
MAxIMUM
H
12.0
15.0
J
15.0
18.0
M
18.0
21.0
N
21.0
25.0
P
25.0
30.0
R
30.0
36.0
U
36.0
43.0
W
43.0
52.0
X
52.0
62.0
Notes for Table 5:
1. Lumileds maintains a tolerance of ±10% on luminous flux measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com