Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7910 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7910
Description  MEDIUM POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7910 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7910 Datasheet HTML 1Page - STMicroelectronics TDA7910 Datasheet HTML 2Page - STMicroelectronics TDA7910 Datasheet HTML 3Page - STMicroelectronics TDA7910 Datasheet HTML 4Page - STMicroelectronics TDA7910 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS
VCC =
±15V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
TDB7910 - TDA7910
Unit
MIn.
Typ.
Max.
Vio
Input Offset Voltage
Tamb = +25
°C
Tmin.
≤ Tamb ≤ Tmax.
26
7.5
mV
Iio
Input Offset Current
Tamb = +25
°C
Tmin.
≤ Tamb ≤ Tmax.
20
200
300
nA
Iib
Input Bias Current
Tamb = +25
°C
Tmin.
≤ Tamb ≤ Tmax.
80
500
800
nA
Avd
Large Signal Voltage Gain (RL =47
Ω, Vo = ±10V)
Tamb = +25
°C
Tmin.
≤ Tamb ≤ Tmax.
20
15
V/mV
ICC
Supply Current - (no load)
Tamb = +25
°C
Tmin.
≤ Tamb ≤ Tmax.
10
20
25
mA
Vicm
Input Common Mode Voltage Range
±12
±13
V
IOS
Output Short Circuit Current (RSC = 1.5
Ω)
0.5
A
SVR
Supply Voltage Rejection Ratio
77
dB
CMR
Common Mode Rejection Ratio
70
dB
Zi
Input Impedance
0.3
M
Ω
VOPP
Output Voltage Swing (RSC =0,RL =47
Ω)
Tamb = +25
°C
Tmin.
≤ Tamb ≤ Tmax.
±11
±10
±12
V
Vior
Offset Voltage Adjustment Range
±15
mV
SR
Slew Rate (RL =47
Ω, Tamb = +25°C, AV =1, Vin = ±10V)
0.5
V/
µs
GBP
Gain Bandwidth Product
(CC =0, RL =47
Ω,CL = 100pF, f = 100kHz, Vin = 10mV)
0.5
MHz
RTH
Thermal Resistance
60
°C/W
ELECTRICAL CHARACTERISTICS
VCC
+ = 10V, VCC- = 0V, Tamb =25oC, Vo = +5V (unless otherwise specified)
Symbol
Parameter
TDB7910 - TDA7910
Unit
Min.
Typ.
Max.
Vio
Input Offset Voltage
Tamb =+25
°C
Tmin.
≤ Tamb ≤ Tmax.
6
7.5
mV
Avd
Large Signal Voltage Gain (RL =47
Ω,Vo = 1 to 5V)
Tamb =+25
°C,
Tmin.
≤ Tamb ≤ Tmax.
20
15
V/mV
ICC
Supply Current - (no load)
Tamb =+25
°C
Tmin.
≤ Tamb ≤ Tmax.
520
25
mA
VOH
High Level Output Voltage (RSC =0, RL =47
Ω)
Tamb =+25
°C
Tmin.
≤ Tamb ≤ Tmax.
6
5
8
V
VOL
Low Level Output Voltage
Tamb =+25
°C
Tmin.
≤ Tamb ≤ Tmax.
23
3
V
GBP
Gain Bandwidth Product
(CC =0, RL =47
Ω,CL = 100pF, f = 100kHz, Vin = 10mV)
1
MHz
TDB7910-TDA7910
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com