Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FN16441 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # FN16441
Description  Stella Assembly
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN16441 Datasheet(HTML) 2 Page - Ledil, Inc.

  FN16441 Datasheet HTML 1Page - Ledil, Inc. FN16441 Datasheet HTML 2Page - Ledil, Inc. FN16441 Datasheet HTML 3Page - Ledil, Inc. FN16441 Datasheet HTML 4Page - Ledil, Inc. FN16441 Datasheet HTML 5Page - Ledil, Inc. FN16441 Datasheet HTML 6Page - Ledil, Inc. FN16441 Datasheet HTML 7Page - Ledil, Inc. FN16441 Datasheet HTML 8Page - Ledil, Inc. FN16441 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PCB or heatsink level.
LED location.
Ensure LED fitting from a product specific 3D model available from
www.ledil.com.
For more details about installation please see LEDiL Installation Guide on www.ledil.com
Notes
PRODUCT
FRAME
FRAME
COLOR
FN16441_STELLA-G2-T3
F13322_STELLA-FRAME
black
FN16479_STELLA-G2-T3
F14252_STELLA-FRAME-WHT white
Code table:
A
H
B
G
3
2
4
1
SCALE
1:1
WEIGHT
53,38g
A3
SHEET 1/2
Plastic moulding general tolerances
according to DIN 16901-130 and applies
if not otherwise shown in the drawing.
Silicone moulding general tolerances
according to ISO 3302-1 Class M3
and applies if not otherwise shown in
the drawing.
FIRST ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
copied or otherwise
distributed without prior written
permission from LEDiL Oy.
PRODUCT
See Code Table
MECHANICAL DRAWING
INDEX PART
TYPE
MATERIAL COLOR / COATING
1
F16440_STELLA-G2-T3_Mechanicalmodel LENS
Silicone CLEAR
2
See Code Table
FRAME Plastic
See code table
COMPONENTS
STELLA-G2-T3-Mechanicalmodel_Assembly
9 0
A
A
4 0 . 2
5 . 5
6 . 2
Section view A-A
Scale:
1:1
5 8 . 8 1
7 5
4 . 5
4 . 5
4 . 5
4 . 5
3 7 . 5
LED location
green area
PCB or heatsink level
red area
6 3 . 9 5
Isometric view
Scale:
1:2
1
2
X
Y
Light pattern direction
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com