Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1702 Datasheet(PDF) 8 Page - ams AG

Part # AS1702
Description  1.6W Single-Channel Audio Power Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1702 Datasheet(HTML) 8 Page - ams AG

Back Button AS1702 Datasheet HTML 4Page - ams AG AS1702 Datasheet HTML 5Page - ams AG AS1702 Datasheet HTML 6Page - ams AG AS1702 Datasheet HTML 7Page - ams AG AS1702 Datasheet HTML 8Page - ams AG AS1702 Datasheet HTML 9Page - ams AG AS1702 Datasheet HTML 10Page - ams AG AS1702 Datasheet HTML 11Page - ams AG AS1702 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.austriamicrosystems.com
Revision 1.01
8 - 13
AS1702, AS1703, AS1704, AS1705
austriamicrosystems
Data Sheet
Fixed Differential Gain (AS1703, AS1704, and AS1705)
If the internal power dissipation exceeds the maximum allowed for a given package, power dissipation should be
reduced by increasing the ground plane heat-sinking capabilities and increasing the size of the device traces (see Sec-
tion 7.5 Layout and Grounding Considerations on page 9). Additionally, reducing VCC, increasing load impedance, and
decreasing ambient temperature can reduce device power dissipation.
The integrated thermal-overload protection circuitry limits the total device power dissipation. Note that if the junction
temperature is
≥ +145°C, the integrated thermal-overload protection circuitry will disable the amplifier output stage. If
the junction temperature is reduced by 9°, the amplifiers will be re-enabled.
Note: A pulsing output under continuous thermal overload results as the device heats and cools.
7.3 Fixed Differential Gain (AS1703, AS1704, and AS1705)
The AS1703, AS1704, and AS1705 contain different internally-fixed gains (see Ordering Information on page 12). A
fixed gain facilitates simplified designs, decreased footprint size, and elimination of external gain-setting resistors.
The fixed gain values are achieved using resistors R1 and R2 (see Figure 3 on page 6).
7.4 Adjustable Differential Gain (AS1702)
7.4.1 Gain-Setting Resistors
The AS1702 uses external feedback resistors, RF and RIN (Figure 5), to set the gain of the device as:
where AV is the desired voltage gain. For example, RIN = 10k
Ω, RF = 20kΩ yields a gain of 2V/V, or 6dB.
Note: RF can be either fixed or variable, allowing the gain to be controlled by software (using a AS150x digital poten-
tiometer. For more information on the AS1500 family of digital potentiometers, refer to the latest version of the
AS150x data sheet, available from the austriamicrosystems website http://www.austriamicrosystems.com.)
Figure 5. Setting the AS1702 Gain
AV =
RIN
(EQ 7)
RF
AS1702
+
OUT+
OUT-
RF
20k
RF
20k
Bias
Generator
Inverting Differential
Input
Non-Inverting Differential
Input
CIN*
10µF
CIN*
10µF
RIN
10k
RIN
10k
* Optional
CBIAS
0.1µF
IN+
IN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com