Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M69AW048B Datasheet(PDF) 1 Page - STMicroelectronics

Part # M69AW048B
Description  32 Mbit (2M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW048B Datasheet(HTML) 1 Page - STMicroelectronics

  M69AW048B Datasheet HTML 1Page - STMicroelectronics M69AW048B Datasheet HTML 2Page - STMicroelectronics M69AW048B Datasheet HTML 3Page - STMicroelectronics M69AW048B Datasheet HTML 4Page - STMicroelectronics M69AW048B Datasheet HTML 5Page - STMicroelectronics M69AW048B Datasheet HTML 6Page - STMicroelectronics M69AW048B Datasheet HTML 7Page - STMicroelectronics M69AW048B Datasheet HTML 8Page - STMicroelectronics M69AW048B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/29
November 2004
M69AW048B
32 Mbit (2M x16) 3V Asynchronous PSRAM
FEATURES SUMMARY
■
SUPPLY VOLTAGE: 2.7 to 3.3V
■
ACCESS TIMES: 70ns
■
LOW STANDBY CURRENT: 100µA
■
DEEP POWER-DOWN CURRENT: 10µA
■
BYTE CONTROL: UB/LB
■
PROGRAMMABLE PARTIAL ARRAY
■
COMPATIBLE WITH STANDARD LPSRAM
■
TRI-STATE COMMON I/O
■
8 WORD PAGE ACCESS CAPABILITY: 18ns
■
WIDE OPERATING TEMPERATURE
–TA = –30 to +85°C
■
POWER-DOWN MODES
– Deep Power-Down
– 4 Mbit Partial Array Refresh
– 8 Mbit Partial Array Refresh
– 16 Mbit Partial Array Refresh
Figure 1. Package
FBGA
TFBGA48 (ZB)
6x8 mm


Similar Part No. - M69AW048B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M69AW024B STMICROELECTRONICS-M69AW024B Datasheet
429Kb / 29P
16 Mbit (1M x16) 3V Asynchronous PSRAM
29-Sep-2004
M69AW024BE STMICROELECTRONICS-M69AW024BE Datasheet
324Kb / 25P
16 Mbit (1M x16) 3V Asynchronous PSRAM
05-Apr-2005
M69AW024BE60ZB8F STMICROELECTRONICS-M69AW024BE60ZB8F Datasheet
324Kb / 25P
16 Mbit (1M x16) 3V Asynchronous PSRAM
05-Apr-2005
M69AW024BL60ZB8T STMICROELECTRONICS-M69AW024BL60ZB8T Datasheet
429Kb / 29P
16 Mbit (1M x16) 3V Asynchronous PSRAM
29-Sep-2004
M69AW024BL70ZB8T STMICROELECTRONICS-M69AW024BL70ZB8T Datasheet
429Kb / 29P
16 Mbit (1M x16) 3V Asynchronous PSRAM
29-Sep-2004
More results

Similar Description - M69AW048B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W032 STMICROELECTRONICS-M27W032 Datasheet
365Kb / 23P
32 Mbit 2Mb x16 3V Supply FlexibleROM™ Memory
09-May-2003
M29KW032E STMICROELECTRONICS-M29KW032E Datasheet
234Kb / 30P
32 Mbit 2Mb x16, Uniform Block 3V Supply LightFlash™ Memory
23-Jul-2002
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
29-Apr-2003
M69AW024B STMICROELECTRONICS-M69AW024B Datasheet
429Kb / 29P
16 Mbit (1M x16) 3V Asynchronous PSRAM
29-Sep-2004
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
04-Dec-2004
M69AR048B STMICROELECTRONICS-M69AR048B Datasheet
481Kb / 29P
32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
05-Oct-2005
M69AW024BE STMICROELECTRONICS-M69AW024BE Datasheet
324Kb / 25P
16 Mbit (1M x16) 3V Asynchronous PSRAM
05-Apr-2005
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-Oct-2006
M69KB128AA STMICROELECTRONICS-M69KB128AA Datasheet
489Kb / 68P
128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
20-Jan-2006
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com