Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB88151A Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB88151A
Description  Spread Spectrum Clock Generator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB88151A Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB88151A Datasheet HTML 1Page - Cypress Semiconductor MB88151A Datasheet HTML 2Page - Cypress Semiconductor MB88151A Datasheet HTML 3Page - Cypress Semiconductor MB88151A Datasheet HTML 4Page - Cypress Semiconductor MB88151A Datasheet HTML 5Page - Cypress Semiconductor MB88151A Datasheet HTML 6Page - Cypress Semiconductor MB88151A Datasheet HTML 7Page - Cypress Semiconductor MB88151A Datasheet HTML 8Page - Cypress Semiconductor MB88151A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
MB88151A
Spread Spectrum Clock Generator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-08311 Rev. *B
Revised December 18, 2017
MB88151A is a clock generator for EMI (Electro Magnetic Interference) reduction. The peak of unnecessary radiation noise (EMI) can
be attenuated by making the oscillation frequency slightly modulate periodically with the internal modulator. It corresponds to both of
the center spread which modulates frequency in modulation off as Middle Centered and down spread which modulates so as not to
exceed frequency in modulation off.
Features
Modulation rate :
± 0.5%, ± 1.5% (Center spread), − 1.0%, − 3.0% (Down spread)
Equipped with oscillation circuit : Range of oscillation 16.6 MHz to 33.4 MHz
Modulation clock output Duty : 40
% to 60%
Low current consumption by CMOS process : 5 mA (24 MHz : Typ-sample, no load)
Power supply voltage : 3.3 V
± 0.3 V
Operating temperature :
40 °C to + 85 °C
Package : SOP 8-pin
MB88151A-100
(Multiply-by-1)
MB88151A-200
(Multiply-by-2)
Input frequency/
Output frequency
16.6 MHz to 33.4 MHz/
16.6 MHz to 33.4 MHz
16.6 MHz to 33.4 MHz/
33.2 MHz to 66.8 MHz
Modulation clock
cycle-cycle jitter
Less than100 ps
Less than 100 ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com