Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSLU02 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # MSLU02
Description  2 Watt DC/DC Power Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSLU02 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  MSLU02 Datasheet HTML 1Page - Wall Industries,Inc. MSLU02 Datasheet HTML 2Page - Wall Industries,Inc. MSLU02 Datasheet HTML 3Page - Wall Industries,Inc. MSLU02 Datasheet HTML 4Page - Wall Industries,Inc. MSLU02 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev A
MSLU02 SERIES
2 Watt DC/DC Power Converters
09/26/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Single Output Models
Size: 0.54 x 0.37 x 0.34 inches (13.7 x 9.3 x
8.6 mm)
Dual Output Models
Size: 0.64 x 0.37 x 0.34 inches (16.3 x 9.3 x
8.6 mm)
FEATURES
Up to 2 Watts Output Power
Miniature SMT Package
Single & Dual Outputs
Over Load Protection
1500VDC I/O Isolation
MTBF > 2,000,000 Hours
-40°C to +85°C Operating Temperature
SMT Package with Industry Standard Pin-
out
High Accuracy of Pin Planarity
Qualified for Lead-free Reflow Solder
Processes According to IPC/JEDEC J-STD-
020D
Tape & Reel Packaging Available
DESCRIPTION
The MSLU2 series of DC/DC converters provides 2 Watts of output power in a miniature
SMT package. These converters operate over input voltage ranges of 4.5~5.5VDC,
10.8~13.2VDC, and 21.6~26.4VDC. This series also has single and dual output voltages of
3.3V, 5V, 12V, ±5V, ±12V, and ±15VDC. The MSLU2 series’ impressive efficiencies enable
these modules to deliver their fully rated output power from –40°C to +80°C without a
heatsink or forced-air cooling. The very small footprint of these converters makes them an
ideal solution for many applications where a voltage has to be isolated such as for noise
reduction, ground loop elimination in digital interfaces, or where a converted voltage is
required. These converters are also fully qualified for the higher temperature profile used in
lead-free reflow solder processes. These converters can also be supplied in tape&reel
packaging for use in automated SMD production lines.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number
Input Voltage
Output
Voltage
Output Current
Input Current
Load
Regulation
Output
Power
Efficiency
Maximum
Capacitive Load
Min
Max
No Load
Max Load
MSLU5S33-500
5 VDC
(4.5 - 5.5 VDC)
3.3 VDC
10mA
500mA
60mA
471mA
11%
1.65W
70%
47µF
MSLU5S05-400
5 VDC
8mA
400mA
548mA
11%
2W
73%
47µF
MSLU5S12-165
12 VDC
3mA
165mA
514mA
11%
2W
77%
10µF
MSLU12S33-500
12 VDC
(10.8 - 13.2 VDC)
3.3 VDC
10mA
500mA
30mA
191mA
8%
1.65W
72%
47µF
MSLU12S05-400
5 VDC
8mA
400mA
222mA
8%
2W
75%
47µF
MSLU12S12-165
12 VDC
3mA
165mA
209mA
5%
2W
79%
10µF
MSLU24S33-500
24 VDC
(21.6 - 26.4 VDC)
3.3 VDC
10mA
500mA
15mA
96mA
8%
1.65W
72%
47µF
MSLU24S05-400
5 VDC
8mA
400mA
111mA
8%
2W
75%
47µF
MSLU24S12-165
12 VDC
3mA
165mA
105mA
5%
2W
79%
10µF
DUAL OUTPUT MODELS
Model Number
Input Voltage
Output
Voltage
Output Current
Input Current
Load
Regulation
Output
Power
Efficiency
Maximum
Capacitive Load
Min
Max
No Load
Max Load
MSLU5D05-200
5 VDC
(4.5 - 5.5 VDC)
±5 VDC
±4mA
±200mA
60mA
541mA
10%
2W
74%
±10µF
MSLU5D12-83
±12 VDC
±1.5mA
±83mA
524mA
7%
2W
76%
±4.7µF
MSLU5D15-66
±15 VDC
±1mA
±66mA
521mA
7%
2W
76%
±4.7µF
MSLU12D12-83
12 VDC
(10.8 - 13.2 VDC)
±12 VDC
±1.5mA
±83mA
30mA
208mA
5%
2W
80%
±4.7µF
MSLU12D15-66
±15 VDC
±1mA
±66mA
206mA
5%
2W
80%
±4.7µF
MSLU24D12-83
24 VDC
(21.6 - 26.4 VDC)
±12 VDC
±1.5mA
±83mA
15mA
105mA
5%
2W
79%
±4.7µF
MSLU24D15-66
±15 VDC
±1mA
±66mA
104mA
5%
2W
79%
±4.7µF
NOTES
1. The MSLU02 series requires a minimum output loading to maintain specified regulations. Operation under no-load conditions will not
damage these devices; however they may not meet all listed specifications.
2. All DC/DC converters should be externally fused at the front end for protection.
3. It is not recommended to use water-washing processes on SMT units.
4. Other input and output voltages may be available, please contact factory.
*Due to advances in technology, specifications are subject to change without notice.


Similar Part No. - MSLU02

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSLU WALL-MSLU Datasheet
222Kb / 7P
1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
1W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
SMD Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
DC/DC CONVERTER 1W, SMD-Package
More results

Similar Description - MSLU02

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
2 watt dc-dc converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
2 WATT REGULATED DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
2 Watt DC/DC Power Converters
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
2 Watt DC/DC Power Converters
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
2 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com