Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

F13660 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # F13660
Description  Angelina Reflector
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13660 Datasheet(HTML) 2 Page - Ledil, Inc.

  F13660 Datasheet HTML 1Page - Ledil, Inc. F13660 Datasheet HTML 2Page - Ledil, Inc. F13660 Datasheet HTML 3Page - Ledil, Inc. F13660 Datasheet HTML 4Page - Ledil, Inc. F13660 Datasheet HTML 5Page - Ledil, Inc. F13660 Datasheet HTML 6Page - Ledil, Inc. F13660 Datasheet HTML 7Page - Ledil, Inc. F13660 Datasheet HTML 8Page - Ledil, Inc. F13660 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
PRODUCT DATASHEET
Angelina series
last update 12/4/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
LUXEON CoB 1211
43 deg
Medium
92 %
1.130
A.A.G. STUCCHI: 8102/G2
LUXEON CoB 1211
44 deg
Medium
92 %
1.100
BJB: 47.319.2030
LUXEON CoB 1216/1812
49 deg
Medium
91 %
1.000
BJB: 47.319.2030
LUXEON K12
48 deg
Medium
89 %
1.000
BJB: 47.319.2070
LUXEON K16
50 deg
Medium
89 %
1.000
BJB: 47.319.2070
LUXEON CoB 1216/1812
50 deg
Medium
88 %
0.930
BJB: 47.319.2030
CXM-22
48 deg
Medium
92 %
1.000
BJB: 47.319.2030
CXM-14
40 deg
Medium
94 %
1.300
BJB: 47.319.2021
Soleriq E30
42 deg
Medium
90 %
1.190
BJB: 47.319.2090
Soleriq S13
37 deg
Medium
94 %
1.270
A.A.G. STUCCHI: 8502/G2
Soleriq S19
41 deg
Medium
94 %
1.170
BJB: 47.319.2170
Soleriq S19
41 deg
Medium
93 %
1.200
A.A.G. STUCCHI: 8503/G2
Soleriq P13
39 deg
Medium
94 %
1.230
A.A.G. STUCCHI: 8502/G2
Soleriq S13 Gen2
37 deg
Medium
93 %
0.920
BJB: 47.319.2021
COB D Series LES 22 mm
sim: 41
Medium
sim: 90 % sim: 1.270 BJB: 47.319.2030
COB D Series LES 14.5 mm
41 deg
Medium
93 %
1.170
A.A.G. STUCCHI: 8101/G2
COB D Series LES 14.5 mm
41 deg
Medium
93 %
1.170
BJB: 47.319.2021
COB D Series LES 14.5 mm
45 deg
Medium
89 %
1.000
A.A.G. STUCCHI: 8101/G2
COB D Series LES 14.5 mm
45 deg
Medium
89 %
1.000
BJB: 47.319.2021
ZC12/18
39 deg
Medium
93 %
1.230
A.A.G. STUCCHI: 8101/G2
ZC25/40/60
47 deg
Medium
92 %
1.030
A.A.G. STUCCHI: 8102/G2
Mega Zenigata (GW6DME)
40 deg
Medium
94 %
1.210
A.A.G. STUCCHI: 8301/G2
Tiger Zenigata (GWTGCBG4FD)
41 deg
Medium
90 %
1.100
BJB: 47.319.2051
STARK SLE PURE G3 LES17
41 deg
Medium
94 %
1.170
A.A.G. STUCCHI: 8101/G2
SLE G4 LES23 H
42 deg
Medium
92 %
1.200
-
SLE G4 LES19 H
37 deg
Medium
92 %
1.300
-
SLE G5 LES15
38 deg
Medium
94 %
1.260
BJB: 47.319.2021
SLE G5 LES19 H
37 deg
Medium
91 %
1.270
-
SLE G5 LES23 H
42 deg
Medium
92 %
1.150
-
SLE G6 LES19 H
sim: 34
Medium
sim: 91 % sim: 1.620 -
SLE G6 LES23 H
sim: 36
Medium
sim: 90 % sim: 1.510 -
SLE G6 LES17 H
sim: 32
Medium
sim: 91 % sim: 1.800 -
SLE G6 LES15 H D50
sim: 35
Medium
sim: 91 % sim: 1.560 -
February 8th 2018 2:18 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com