Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC08034CIWM Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08034CIWM
Description  8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08034CIWM Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button ADC08034CIWM Datasheet HTML 15Page - National Semiconductor (TI) ADC08034CIWM Datasheet HTML 16Page - National Semiconductor (TI) ADC08034CIWM Datasheet HTML 17Page - National Semiconductor (TI) ADC08034CIWM Datasheet HTML 18Page - National Semiconductor (TI) ADC08034CIWM Datasheet HTML 19Page - National Semiconductor (TI) ADC08034CIWM Datasheet HTML 20Page - National Semiconductor (TI) ADC08034CIWM Datasheet HTML 21Page - National Semiconductor (TI) ADC08034CIWM Datasheet HTML 22Page - National Semiconductor (TI) ADC08034CIWM Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Applications (Continued)
Protecting the Input
DS010555-25
Diodes are 1N914
High Accuracy Comparators
DS010555-26
DO = all 1s if +VIN > −VIN
DO = all 0s if +VIN < −VIN
Digital Load Cell
DS010555-27
Uses one more wire than load cell itself
Two mini-DIPs could be mounted inside load cell for digital output transducer
Electronic offset and gain trims relax mechanical specs for gauge factor and offset
Low level cell output is converted immediately for high noise immunity
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com