Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2830 Datasheet(PDF) 1 Page - Sipex Corporation

Part # AS2830
Description  3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2830 Datasheet(HTML) 1 Page - Sipex Corporation

  AS2830 Datasheet HTML 1Page - Sipex Corporation AS2830 Datasheet HTML 2Page - Sipex Corporation AS2830 Datasheet HTML 3Page - Sipex Corporation AS2830 Datasheet HTML 4Page - Sipex Corporation AS2830 Datasheet HTML 5Page - Sipex Corporation AS2830 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 10/6/00
AS2830
3A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response
FEATURES
APPLICATIONS
• Adjustable Output Down To 1.2V
• Powering VGA & Sound Card
• Fixed Output Voltages 1.5, 2.5, 3.3, 5.0V
• Power PCSupplies
• Output Current Of 3A
• SMPS Post-Regulator
• Low Dropout Voltage 1.1V Typ.
• High Efficiency “Green” Computer Systems
• Extremely Tight Load And Line Regulation
• High Efficiency Linear Power Supplies
• Current & Thermal Limiting
• Portable Instrumentation
• Standard 3-Terminal Low Cost TO-220, TO-263 & TO-252
• Constant Current Regulators
• Similar To Industry Standard LT1085/LT1585
• Adjustable Power Supplies
• Battery charger
PRODUCT DESCRIPTION
The AS2830 is a low power 3A adjustable and fixed voltage regulator that is very easy to use. It requires only 2 external resistors to
set the output voltage for adjustable version. The AS2830 are designed for low voltage applications that offers lower dropout voltage
and faster transient response. This device is an excellent choice for use in powering low voltage microprocessor that require a lower
dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching supplies applications.
The AS2830 features low dropout of a maximum 1.2 volts.
The AS2830 offers over current limit and full protection against reversed input polarity, reversed load insertion, and positive and
negative transient voltage. On-Chip trimming adjusts the reference voltage to 1%. The IQ of this device flows into the load, which
increases efficiency.
The AS2830 are offered in a 3-pin TO-220, TO-263 & TO-252 packages compatible with other 3 terminal regulators. For a 5A low
dropout regulator refer to the AS2850 data sheet.
ORDERING INFORMATION
TO-220
3-PIN
DD PLASTIC
3-PIN
TO-252
DPAK
AS2830YU-X
AS2830YT-X
AS2830YR-X
X = Output Voltage (1.5V, 2.5V, 3.3V, 5.0V and Blank for Adj.)
Y= Output Tolerance, (Y= A for 1%
Blank for 2%)
PIN CONNECTIONS
Front View
TO-220-3 (U)
AS2830
1
23
ADJ/GND V
OUT
V
IN
Top View
TO-263-3 (T)
1
AS2830
2
3
ADJ/GND V
OUT
V
IN
Front View
TO-252 (R)
ADJ/GND
V
IN
V
OUT
3
2
1
AS2830


Similar Part No. - AS2830

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YM3-X SIPEX-AS2810YM3-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YR-X SIPEX-AS2810YR-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YT-X SIPEX-AS2810YT-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YU-X SIPEX-AS2810YU-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - AS2830

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730 SIPEX-SPX2730 Datasheet
171Kb / 9P
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com