Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SDB160WS Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SDB160WS
Description  SMD Schottky Barrier Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SDB160WS Datasheet(HTML) 2 Page - Diotec Semiconductor

  SDB160WS Datasheet HTML 1Page - Diotec Semiconductor SDB160WS Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SDB160WS
Characteristics
Kennwerte
Forward voltage
Durchlass-Spannung
Tj = 25°C
IF = 0.1 A
1 A
VF
< 0.45 V
< 0.64 V
Leakage current
Sperrstrom
Tj = 25°C
VR =
5 V
VRRM
IR
< 5 µA
< 100 µA
Typ. junction capacitance – Typ. Sperrschichtkapazität
VR = 10 V, f = 1 MHz
Cj
38 pF
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 170 K/W 1)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 36 mm2 copper pad at cathode terminal
Montage auf Leiterplatte mit 36 mm2 Kupferbelag (Lötpad) am Kathoden-Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
[mA]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
V
F
[V]
1
0.6
0.4
0
T = 25°C
j
T = 125°C
j
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
10
10
10
1
10
3
-1
2
[µA]
I
R
0
V
RRM
40
60
80
100 [%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 125°C
j
[pF]
[V]
C
j
V
R
T = 25°C
f = 1.0 MHz
j
Junction capacitance vs. reverse voltage (typical)
Sperrschichtkapazität in Abh. v.d. Sperrspg. (typ.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com