Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M28C256 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M28C256
Description  256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C256 Datasheet(HTML) 4 Page - STMicroelectronics

  M28C256 Datasheet HTML 1Page - STMicroelectronics M28C256 Datasheet HTML 2Page - STMicroelectronics M28C256 Datasheet HTML 3Page - STMicroelectronics M28C256 Datasheet HTML 4Page - STMicroelectronics M28C256 Datasheet HTML 5Page - STMicroelectronics M28C256 Datasheet HTML 6Page - STMicroelectronics M28C256 Datasheet HTML 7Page - STMicroelectronics M28C256 Datasheet HTML 8Page - STMicroelectronics M28C256 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Mode
E
G
W
DQ0 - DQ7
Read
VIL
VIL
VIH
Data Out
Write
VIL
VIH
VIL
Data In
Standby / Write Inhibit
VIH
X
X
Hi-Z
Write Inhibit
X
X
VIH
Data Out or Hi-Z
Write Inhibit
X
VIL
X
Data Out or Hi-Z
Output Disable
X
VIH
X
Hi-Z
Notes: 1. X = VIH or VIL.
Table 3. Operating Modes (1)
The devices offer fast access time with low power
dissipation and requires a 5V or 3V power supply.
The circuit has been designed to offer a flexible
microcontroller interface featuring both hardware
and software handshaking with Data Polling and
Toggle Bit and access to a status register. The
devices support a 64 byte page write operation. A
Software Data Protection (SDP) is also possible
using the standard JEDEC algorithm.
PIN DESCRIPTION
Addresses (A0-A14). The address inputs select
an 8-bit memory location during a read or write
operation.
Chip Enable (E). The chip enable input must be
low to enable all read/write operations. When Chip
Enable is high, power consumption is reduced.
Output Enable (G). The Output Enable input con-
trols the data output buffers and is used to initiate
read operations.
Data In/ Out (DQ0- DQ7). Data is written to or read
from the memory through the I/O pins.
Write Enable (W). The Write Enable input controls
the writing of data to the memory.
OPERATIONS
Write Protection
In order to prevent data corruption and inadvertent
write operations; an internal VCC comparator inhib-
its Write operations if VCC is below VWI (see Table
7 andTable 9).Access to the memory in write mode
is allowed after a power-up as specified in Table 7
and Table 9.
Read
The device is accessed like a static RAM. When E
and G are low with W high, the data addressed is
presented on the I/O pins. The I/O pins are high
impedance when either G or E is high.
Write
Write operations are initiated when both W and E
are low and G is high.The device supports both E
and W controlled write cycles. The Address is
latched by the falling edge of E or W which ever
occurs last and the Data on the rising edge of E or
W which ever occurs first. Once initiated the write
operation is internally timed until completion and
the status of the Data Polling and the Toggle Bit
functions on DQ7 and DQ6 is controlled accord-
ingly.
Page Write
Page write allows up to 64 bytes within the same
page to be consecutively latched into the memory
prior to initiating a programming cycle. All bytes
must be located in a single page address, that is
A14-A6 must be the same for all bytes; if not, the
Page Write instruction is not executed. The page
write can be initiated by any byte write operation.
A page write is composed of successive Write
instructions which have to be sequenced with a
specific period of time between two consecutive
Write instructions, period of time which has to be
smaller than the tWHWH value (see Table 12 and
Table 13).
If this period of time exceeds the tWHWH value, the
internal programmingcycle will start. Once initiated
the write operation is internally timed until comple-
tion and the status of the Data Polling and the
Toggle Bit functions on DQ7 and DQ6 is controlled
accordingly.
DESCRIPTION (Cont’d)
4/21
M28256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com