Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3992 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3992
Description  Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3992 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3992 Datasheet HTML 1Page - National Semiconductor (TI) LP3992 Datasheet HTML 2Page - National Semiconductor (TI) LP3992 Datasheet HTML 3Page - National Semiconductor (TI) LP3992 Datasheet HTML 4Page - National Semiconductor (TI) LP3992 Datasheet HTML 5Page - National Semiconductor (TI) LP3992 Datasheet HTML 6Page - National Semiconductor (TI) LP3992 Datasheet HTML 7Page - National Semiconductor (TI) LP3992 Datasheet HTML 8Page - National Semiconductor (TI) LP3992 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics (Continued)
Note 3: The package can pass MSL (moisture sensitivity level) 1 at 260˚C.
Additional information on lead temperature can be obtained from National Semiconductor web pages
http://www.national.com/packaging/general.html
http://www.national.com/packaging/plastic.html
Note 4: The Maximum power dissipation of the device is dependant on the maximum allowable junction temperature for the device and the ambient temperature.
This relationship is given by the formula
PD =(TJ -TA)/θJA
Where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. The Maximum Power dissipation across
the device related to the operational conditions can be calculated using the formula
PD =(VIN(MAX) -VOUT(MAX))*(IOUT(MAX))
Substituting the device values gives the max power dissipation = (5.2V - 1.5V)(0.03) = 0.111W. This figure for Maximum power dissipation can be used to derive the
maximum ambient temperature. For the SOT23-5 package
θJA = 220˚C/W, thus for this device the maximum temperature difference, (TJ -TA), is 24.4˚C, (0.111 *
220). This gives the maximum ambient temperature for operation as 100.6˚C, (125 - 24.4). Similarly the numbers for the absolute maximum case can be derived
using a figure of 150˚C for the junction temperature.
Note 5: The human body is 100pF discharge through 1.5kW resistor into each pin. The machine model is a 200 pF capacitor discharged directly into each pin.
Note 6: The device maintains the regulated output voltage without the load.
Note 7: This electrical specification is guaranteed by design.
Note 8: Time for VOUT to rise from 50 to 85% of VOUT(nom). (figure 1)
Note 9: Time from VSD = 1.15V to VOUT = 95%(VOUT(nom)). (figure 1)
Note 10: Time for VOUT to fall from 85 to 50% of VOUT(nom). (figure 1)
Note 11: Time from VSD = 0.4V to VOUT = 5%(VOUT(nom). (figure 1)
Note 12: Short circuit current is measured on the input supply line at the point when the short circuit condition reduces the output voltage to 95% of its nominal value.
Note 13: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production at TJ = 25˚C or correlated using
Statistical Quality Control methods. Operation over the temperature specification is guaranteed by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
Output Capacitor, Recommended Specifications
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
C
o
Output Capacitor
Capacitance(Note 14)
1.0
µF
ESR
5
500
m
Ω
Note 14: Capacitor types recommended are X7R, Y5V, and Z5U. X7R tolerance is quoted as 15% over temperature.
20041203
FIGURE 1. Figure 1. T
on/Toff Timing Diagram
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com