Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSP3410B Datasheet(PDF) 5 Page - Micronas

Part # MSP3410B
Description  Multistandard Sound Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410B Datasheet(HTML) 5 Page - Micronas

  MSP3410B Datasheet HTML 1Page - Micronas MSP3410B Datasheet HTML 2Page - Micronas MSP3410B Datasheet HTML 3Page - Micronas MSP3410B Datasheet HTML 4Page - Micronas MSP3410B Datasheet HTML 5Page - Micronas MSP3410B Datasheet HTML 6Page - Micronas MSP3410B Datasheet HTML 7Page - Micronas MSP3410B Datasheet HTML 8Page - Micronas MSP3410B Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
PRELIMINARY DATA SHEET
MSP 3410 B
5
ITT Semiconductors
2. Features of the MSP 3410 B
2.1. Features of the Demodulator and Decoder
Sections
The MSP 3410 B is designed to simultaneously perform
digital demodulation and decoding of NICAM-coded TV
stereo sound, as well as demodulation of FM-mono TV
sound. Alternatively, two carrier FM systems according
to the German or Korean terrestrial specs or the satellite
specs can be processed with the MSP 3410 B.
Since it is simple and economic to demodulate AM
sound carriers with conventional sound-IF-mixing units,
the AM demodulation feature of the MSP will seldom be
used. However, for FM carrier detection in satellite oper-
ation the AM demodulation offers a powerful feature to
calculate the carrier field strength, which can be used for
automatic search algorithms. So the IC facilitates a first
step towards multistandard capability with its very flex-
ible application and may be used in TV-sets, satellite
tuners and video recorders.
The MSP 3410 B facilitates profitable multistandard ca-
pability, offering the following advantages:
– two selectable analog inputs (TV- and SAT-IF sources)
– Automatic Gain Control (AGC) for analog input: input
range: 0.14 – 3 Vpp
– integrated A/D converter for sound-IF inputs
– all demodulation and filtering is performed on chip and
is individually programmable
– simple realization of both digital NICAM standards
(UK/Scandinavia)
– no external filter hardware is required
– only one crystal clock (18.432 MHz) is necessary
– Pay-TV for NICAM-mode
– FM carrier level calculation for automatic search algo-
rithms and carrier mute function
– high deviation FM-mono mode (max. deviation:
approx.
±360 kHz)
2.2. Features of the DSP-Section
– flexible selection of audio sources to be processed
– digital input and output interfaces via S-Bus for DMA-
via AMU, and via I2S-Bus for external DSP-Proces-
sors featuring Graphic Equalizer, Surround Sound etc.
– performance of all deemphasis systems including
adaptive Wegener Panda 1 without external compo-
nents or controlling
– performance of D2MAC audio together with an
AMU 2481
– digitally performed FM-identification decoding and de-
matrixing
– digital baseband processing: volume, bass, treble,
pseudostereo and basewidth enlargement
– simplified controlling of volume, bass, treble etc.
– increased audio bandwidth for FM-Audio-signals
(20 Hz – 15 kHz ,
±1 dB)
2.3. Features of the Analog Section
– three selectable analog pairs of audio baseband in-
puts (=three SCART inputs)
Input level:
≤ 2 V RMS;
input impedance:
≥25 kΩ
– one selectable analog mono input (i.e. AM sound);
Input level:
≤ 2 V RMS;
input impedance:
≥10 kΩ
– two high quality A/D converters; S/N-Ratio:
≥85 dB
– 20 Hz to 20 kHz Bandwidth for SCART-to-SCART-
Copy facilities
– MAIN (loudspeaker) and AUX (headphones): two
pairs of 4-fold oversampled D/A-converters
Output level per channel: max. 1.4 VRMS
Output resistance: max. 5 k
Ω
S/N-Ratio:
≥85 dB at maximum volume
max. noise voltage in mute mode:
≤ 10 µV (BW: 20 Hz
... 16 kHz)
– one pair of four-fold oversampled D/A-converters sup-
plying two selectable pairs of SCART-Outputs. Output
level per channel: max. 2 V RMS, output resistance:
max. 0.5 k
Ω, S/N-Ratio: ≥85 dB
(20 Hz ... 16 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com