Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3219 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3219
Description  1.5MHz, 2A Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3219 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3219 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP3219-04
Apr.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 12
Preliminary Datasheet
LP3219
1.5MHz, 2A Step-Down Converter
General Description
The LP3219 is a 1.5MHz constant frequency current
mode PWM step-down converter. It is ideal for
portable equipment which requires very high current
up to 2.0A from single-cell Lithium-ion batteries while
still achieving over 96% efficiency during peak load
conditions. The LP3219 also can run at 100% duty
cycle for low dropout operation, extending battery life
in portable systems while light load operation provides
very low output ripple for noisy sensitive applications.
The LP3219 can supply up to 2.0A output load current
from at VIN = 3V and has an input voltage 2.5V to 5.5V
and the output voltage can be regulated as low as
0.61V. The high switching frequency minimizes the
size of external components while keeping switching
losses low. The internal slope compensation setting
allows the device to operate with smaller inductor
values to optimize size and provide efficient operation.
The LP3219 is available with adjustable (0.61V to VIN)
output voltage. The device is available in a Pb-free,
SOT23-5 package and is rated over the temperature
range of -40°C to +85°C.
Order Information
LP3219 □ □ □ □
F: Pb-Free
Package Type
B5: SOT23-5
VOUT Type
A: Adjustable
Features
Input Voltage Range: 2.5V to 5.5V
Output Voltage Range: 0.61V to VIN
2.0A Output Current
Low R(DSON) Internal Switches:80mΩ/70mΩ
High Efficiency: Up to 96%
100% Duty Cycle in Dropout
Low Shutdown Current: <1uA
1.5MHz Switching Frequency
Soft star Function
Short Circuit Protection
Thermal Fault Protection
SOT23-5Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Instruments
DSP Core Supplies
Cellular Phone and Smart mobile phone
PDA
GPS Applications
Marking Information
Device
Marking
Package
Shipping
LP3219
LPS
A3YWX
SOT23-5
3K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch


Similar Part No. - LP3219

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3210 POWER-LP3210 Datasheet
336Kb / 7P
2.8V to Vout Range Input Voltage
LP3211 POWER-LP3211 Datasheet
280Kb / 6P
280mA Output current
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
1.5MHz, 1.5A Step-Down Converter
logo
Leshan Radio Company
LP3218DT1G LRC-LP3218DT1G Datasheet
502Kb / 6P
12V P-Channel Enhancement MOSFET
More results

Similar Description - LP3219

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3420 EUTECH-EUP3420 Datasheet
513Kb / 11P
2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
logo
BCD Semiconductor Manuf...
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
logo
E-CMOS Corporation
EC3202S E-CMOS-EC3202S Datasheet
610Kb / 9P
2A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3220 POWER-LP3220 Datasheet
920Kb / 12P
1.5MHz, 1.0A Step-Down Converter
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
1.5MHz, 2A Synchronous Step-Down Regulator
FP6169 FEELING-FP6169 Datasheet
446Kb / 13P
1.5MHz, 2A Synchronous Step-Down Regulator
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05208 UTC-UD05208 Datasheet
242Kb / 5P
1.5MHz, 2A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com