Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP1111 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP1111
Description  Dual Bootstrapped, 12V MOSFET Driver with Output Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1111 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP1111 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 6Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 7Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP1111-00
Nov.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 8
Preliminary Datasheet
LP1111
Operation Information
The LP1111 is a single phase MOSFET driver for
driving two N-channel MOSFETs in a synchronous
buck converter topology. The LP1111 will operate
from 4.3V or 12V, but have been optimized for high
current multi-phase buck regulators that convert 12 V
rail directly to the core voltage required by complex
logic chips.
A single PWM input signal is all that is required to
properly drive the high-side and the low-side
MOSFETs. Each driver is capable of driving a 3nF
load at frequencies up to 1 MHz.
Low-Side Driver
The low-side driver is designed to drive a ground-
referenced low RDS(on) N-Channel MOSFET. The
voltage rail for the low-side driver is internally
connected to the VCC supply and PGND.
High-Side Driver
The high−side driver is designed to drive a floating
low RDS(on) N-channel MOSFET. The gate voltage
for the high side driver is developed by a bootstrap
circuit referenced to Switch Node (SWN) pin.
The bootstrap circuit is comprised of an external
diode, and an external bootstrap capacitor. When the
LP1111 are starting up, the SWN pin is at ground, so
the bootstrap capacitor will charge up to VCC
through the bootstrap diode. When the PWM input
goes high, the high-side driver will begin to turn on
the high-side MOSFET using the stored charge of
the bootstrap capacitor. As the high-side MOSFET
turns on, the SWN pin will rise. When the high-side
MOSFET is fully on, the switch node will be at 12 V,
and the BST pin will be at 12 V plus the charge of the
bootstrap capacitor (approaching 24V).The bootstrap
capacitor is recharged when the switch node goes
low during the next cycle.
Safety Timer and Overlap Protection Circuit
It is very important that MOSFETs in a synchronous
buck regulator do not both conduct at the same time.
Excessive shoot-through or cross conduction can
damage the MOSFETs, and even a small amount of
cross conduction will cause a decrease in the power
conversion efficiency.
The LP1111 prevent cross conduction by monitoring
the status of the external MOSFETs and applying the
appropriate amount of “ dead-time ” or the time
between the turn off of one MOSFET and the turn on
of the other MOSFET. When the PWM input pin goes
high, DRVL will go low after a propagation delay
(tpdlDRVL). The time it takes for the low-side
MOSFET to turn off (tfDRVL) is dependent on the
total charge on the low-side MOSFET gate. The
LP1111 monitor the gate voltage of both MOSFETs
and the switch node voltage to determine the
conduction status of the MOSFETs. Once the low−
side MOSFET is turned off an internal timer will delay
(tpdhDRVH) the turn on of the high-side MOSFET.
Likewise, when the PWM input pin goes low, DRVH
will go low after the propagation delay (tpdlDRVH).
The time to turn off the high-side MOSFET (tfDRVH)
is dependent on the total gate charge of the high −
side MOSFET. A timer will be triggered once the
high-side MOSFET has stopped conducting, to delay
(tpdhDRVL) the turn on of the low-side MOSFET.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com