Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC35VB160-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SC35VB160-G
Description  Glass Passivated 3 Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SC35VB160-G Datasheet(HTML) 1 Page - Comchip Technology

  SC35VB160-G Datasheet HTML 1Page - Comchip Technology SC35VB160-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
- Surge overload -350 amperes peak
- Low forward voltage drop
- Mounting position :Any
- Weight: 37g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum RMS Bridge Input Voltage
VRMS
V
Maximum Average Forward
Rectified Output Current
@ TC=55℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Current Squared time (1ms<t<10ms)
I2t
A2S
Dielectric Strength
Vdis
V
Mounting Torque
TOR
N.m
Maximum Forward Voltage Drop Per Element
at 12.5A Peak
Maximum Reverse Current at Rated
DC Blocking Voltage Per Element
@ TA=25℃
Tyical Thermal Resistance (Note1)
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Thermal Resistance Junction to case.
1120
100
35
350
1.1
V
VF
-55 to +150
μA
A
IFSM
0.8
300
Max: 0.7
2000
-55 to +150
IR
A
For capacitive load, derate current by 20%
Resistive or inductive load 60Hz.
REVERSE VOLTAGE - 1600Volts
FORWARD CURRENT - 35Amperes
Dimensions in inches and (milimeters)
Rating at 25℃ ambient temperature unless otherwise specified.
SC35VB160
I(AV)
1600
SCVB
Glass Passivated 3 Phase Bridge Rectifiers
SC35VB160-G
"-G" : RoHS Device
MDS0905016A
Page 1
(36.0)
MAX
R1.75
.295(7.5)
.256(6.5)
.504
(12.8)
(12.8)
.504
.516
(13.1)
.492
(12.5)
.146(3.7)*45
°
.138(3.5)
~
~
~
-
+
1.181
(30.0)
MAX
.252(6.4)
.213(5.4)
.315(8.0)
.354(9.0)
.079(2.0)
.047(1.2)
.555(14.1)
.516(13.1)
.516(13.1)
.555(14.1)
.035(0.9)
.028(0.7)
.256(6.50)
.244(6.20)
.374(9.5)
.334(8.5)
.334(8.5)
.374(9.5)
.295(7.5)
.256(6.5)
MAX
(36.0)
1.417
1.417


Similar Part No. - SC35VB160-G

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
SC35VB160 MULTICOMP-SC35VB160 Datasheet
323Kb / 2P
Glass Passivated 3 Phase Bridge Rectifier
23/09/19 V1.0
More results

Similar Description - SC35VB160-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
KBP3005G HY-KBP3005G Datasheet
143Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3500GW HY-SBR3500GW Datasheet
155Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3508G HY-SBR3508G Datasheet
152Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SH50VB80 HY-SH50VB80 Datasheet
133Kb / 2P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT2508GW HY-SMT2508GW Datasheet
187Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR5000G HY-SBR5000G Datasheet
179Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR35GW HY-SBR35GW Datasheet
363Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SC50VB80 HY-SC50VB80_V01 Datasheet
361Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SH50VBW HY-SH50VBW Datasheet
341Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SMT50GW HY-SMT50GW Datasheet
376Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com