Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LDW5KM Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LDW5KM
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5KM Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LDW5KM Datasheet HTML 10Page - OSRAM GmbH LDW5KM Datasheet HTML 11Page - OSRAM GmbH LDW5KM Datasheet HTML 12Page - OSRAM GmbH LDW5KM Datasheet HTML 13Page - OSRAM GmbH LDW5KM Datasheet HTML 14Page - OSRAM GmbH LDW5KM Datasheet HTML 15Page - OSRAM GmbH LDW5KM Datasheet HTML 16Page - OSRAM GmbH LDW5KM Datasheet HTML 17Page - OSRAM GmbH LDW5KM Datasheet HTML 18Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
2009-11-13
14
Nicht für Neuentwicklungen / Not for New Designs
LB W5KM, LD W5KM,
Empfohlenes Lötpaddesign
8) Seite 16
Selektivlöten
Recommended Solder Pad
8) page 16
selective soldering
Anm.: Das Gehäuse ist für Ultraschallreinigung nicht geeignet. Für weitere Informationen bezüglich
Löten verwenden Sie bitte die Applikationsschrift "Mounting Guideline for Golden Dragon with
Lens"
Note: Package not suitable for ultra sonic cleaning. Further Information about Soldering please refere
to Application Note "Mounting Guideline for Golden Dragon with Lens"
Thermal enhanced PCB
Thermisch optimiertes PCB
2 Lötstellen
2 solder points
2.3 (0.091)
13.0 (0.512)
ø4.0 (0.157)
Heatsink attach
13.0 (0.512)
ø4.0 (0.157)
Kupfer
Copper
2.3 (0.091)
OHPY2988
Lötstopplack
Solder resist
Bare Copper
Freies Kupfer
Geeignete thermische Anbindung notwendig
Appropriate thermal connecting necessary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com