Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRW51M Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LRW51M
Description  white SMD package, colorless clear silicone resin with optic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRW51M Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LRW51M Datasheet HTML 7Page - OSRAM GmbH LRW51M Datasheet HTML 8Page - OSRAM GmbH LRW51M Datasheet HTML 9Page - OSRAM GmbH LRW51M Datasheet HTML 10Page - OSRAM GmbH LRW51M Datasheet HTML 11Page - OSRAM GmbH LRW51M Datasheet HTML 12Page - OSRAM GmbH LRW51M Datasheet HTML 13Page - OSRAM GmbH LRW51M Datasheet HTML 14Page - OSRAM GmbH LRW51M Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Vorläufige Daten / Preliminary Data
LR W51M, LA W51M, LY W51M
2009-12-16
11
Empfohlenes Lötpaddesign
6) Seite 15
Selektivlöten
Recommended Solder Pad
6) page 15
selective soldering
Anm.: Das Gehäuse ist für Ultraschallreinigung nicht geeignet. Für weitere Informationen bezüglich
Löten verwenden Sie bitte die Applikationsschrift "Mounting Guideline for Golden Dragon with
Lens"
Note: Package not suitable for ultra sonic cleaning. Further Information about Soldering please refere
to Application Note "Mounting Guideline for Golden Dragon with Lens"
Thermal enhanced PCB
Thermisch optimiertes PCB
2 Lötstellen
2 solder points
2.3 (0.091)
13.0 (0.512)
ø4.0 (0.157)
Heatsink attach
13.0 (0.512)
ø4.0 (0.157)
Kupfer
Copper
2.3 (0.091)
OHPY2988
Lötstopplack
Solder resist
Bare Copper
Freies Kupfer
Geeignete thermische Anbindung notwendig
Appropriate thermal connecting necessary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com