Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSLS03 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSLS03
Description  Low Power Consumption, Green Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS03 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSLS03_18 Datasheet HTML 1Page - Wall Industries,Inc. PSLS03_18 Datasheet HTML 2Page - Wall Industries,Inc. PSLS03_18 Datasheet HTML 3Page - Wall Industries,Inc. PSLS03_18 Datasheet HTML 4Page - Wall Industries,Inc. PSLS03_18 Datasheet HTML 5Page - Wall Industries,Inc. PSLS03_18 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev D
PSLS03 SERIES
3 Watts
AC/DC Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
DERATING CURVES
Temperature Derating Curves
Input Voltage Derating Curve
1. Input voltage should be derated based on temperature derating when it is 85-110VAC/277~305VAC/70~130VDC/400~430VDC
2. This product is suitable for use in natureal air cooling environments, if in a closed environment, please contact factory.
EFFICIENCY GRAPHS
Efficiency vs. Input Voltage (Full Load)
Efficiency vs. Output Load (Vin=230VAC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com