Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2145GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2145GD
Description  5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2145GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2145GD Datasheet HTML 11Page - Monolithic Power Systems MP2145GD Datasheet HTML 12Page - Monolithic Power Systems MP2145GD Datasheet HTML 13Page - Monolithic Power Systems MP2145GD Datasheet HTML 14Page - Monolithic Power Systems MP2145GD Datasheet HTML 15Page - Monolithic Power Systems MP2145GD Datasheet HTML 16Page - Monolithic Power Systems MP2145GD Datasheet HTML 17Page - Monolithic Power Systems MP2145GD Datasheet HTML 18Page - Monolithic Power Systems MP2145GD Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP2145
– 5.5V, 6A, 1.2MHz, COT, BUCK SWITCHER
MP2145 Rev. 1.11
www.MonolithicPower.com
15
12/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Power-Good Indicator
The MP2145 has an open drain with a
500kΩ
pull-up resistor as a power-good (PG) indication.
PG is pulled up to VIN when the FB voltage is
within 10% of the regulation level.
Otherwise
the PG pin is pulled to ground by an internal
MOSFET. The MOSFET has a maximum Rdson
of less than 100Ω.
Current Limit
The MP2145 has a 8.1A current limit for the
HS-FET. When the HS-FET hits its current limit,
the MP2145 enters hiccup mode until the
current drops to prevent the inductor current
from
rising
and
possibly
damaging
the
components.
Short Circuit and Recovery
The MP2145 enters short-circuit protection
(SCP) mode when it hits the current limit, and
tries to recover from the short circuit by entering
hiccup mode. In SCP, the MP2145 disables the
output power stage, discharges a soft-start
capacitor,
and
then
enacts
a
soft-start
procedure. If the short-circuit condition still
holds after soft-start ends, the MP2145 repeats
this operation until the short circuit ceases and
output rises back to regulation level.
100% Duty Cycle Mode
When the input voltage reduces and is lower
than the regulation output voltage, the output
voltage drops, and the on time increases.
Further reducing the input voltage drives the
MP2145 into 100% duty cycle mode. The high-
side switch is always on, and the output voltage
is determined by the loading current times the
RDS(ON) composed by the high-side switch and
inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com